Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM10 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM10
Description  Operational Amplifier and Voltage Reference
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM10 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM10_00 Datasheet HTML 1Page - National Semiconductor (TI) LM10_00 Datasheet HTML 2Page - National Semiconductor (TI) LM10_00 Datasheet HTML 3Page - National Semiconductor (TI) LM10_00 Datasheet HTML 4Page - National Semiconductor (TI) LM10_00 Datasheet HTML 5Page - National Semiconductor (TI) LM10_00 Datasheet HTML 6Page - National Semiconductor (TI) LM10_00 Datasheet HTML 7Page - National Semiconductor (TI) LM10_00 Datasheet HTML 8Page - National Semiconductor (TI) LM10_00 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Electrical Characteristics (Continued)
T
J=25˚C, TMIN
≤T
J
≤T
MAX (Boldface type refers to limits over temperature range) (Note 5)
Parameter
Conditions
LM10BL
LM10CL
Units
Min
Typ
Max
Min
Typ
Max
Load regulation
0
≤I
REF
≤0.5 mA
0.01
0.1
0.01
0.15
%
V
+−V
REF
≥1.0V (1.1V)
0.15
0.2
%
Amplifier gain
0.2V
≤V
REF
≤5.5V
30
70
20
70
V/mV
20
15
V/mV
Feedback sense voltage
195
200
205
190
200
210
mV
194
206
189
211
mV
Feedback current
20
50
22
75
nA
65
90
nA
Reference drift
0.002
0.003
%/˚C
Supply current
260
400
280
500
µA
500
570
µA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 2: The Input voltage can exceed the supply voltages provided that the voltage from the input to any other terminal does not exceed the maximum differential
input voltage and excess dissipation is accounted for when VIN<V
−.
Note 3: The maximum, operating-junction temperature is 150˚C for the LM10, 100˚C for the LM10B(L) and 85˚C for the LM10C(L). At elevated temperatures,
devices must be derated based on package thermal resistance.
Note 4: Internal thermal limiting prevents excessive heating that could result in sudden failure, but the IC can be subjected to accelerated stress with a shorted
output and worst-case conditions.
Note 5: These specifications apply for V−
≤VCM≤V+−0.85V (1.0V), 1.2V (1.3V) <VS≤VMAX,VREF=0.2V and 0≤IREF≤1.0 mA, unless otherwise specified: VMAX=40V
for the standard part and 6.5V for the low voltage part. Normal typeface indicates 25˚C limits. Boldface type indicates limits and altered test conditions for
full-temperature-range operation; this is −55˚C to 125˚C for the LM10, −25˚C to 85˚C for the LM10B(L) and 0˚C to 70˚C for the LM10C(L). The specifications do
not include the effects of thermal gradients (
τ1.20 ms), die heating (τ2.0.2s) or package heating. Gradient effects are small and tend to offset the electrical error
(see curves).
Note 6: For TJ>90˚C, IOS may exceed 1.5 nA for VCM=V
−. With T
J=125˚C and V
−≤VCM≤V−+0.1V, IOS≤5 nA.
Note 7: This defines operation in floating applications such as the bootstrapped regulator or two-wire transmitter. Output is connected to the V+ terminal of the IC
and input common mode is referred to V− (see typical applications). Effect of larger output-voltage swings with higher load resistance can be accounted for by adding
the positive-supply rejection error.
Note 8: Refer to RETS10X for LM10H military specifications.
Definition of Terms
Input offset voltage: That voltage which must be applied between the input terminals to bias the unloaded output in the linear
region.
Input offset current: The difference in the currents at the input terminals when the unloaded output is in the linear region.
Input bias current: The absolute value of the average of the two input currents.
Input resistance: The ratio of the change in input voltage to the change in input current on either input with the other grounded.
Large signal voltage gain: The ratio of the specified output voltage swing to the change in differential input voltage required to
produce it.
Shunt gain: The ratio of the specified output voltage swing to the change in differential input voltage required to produce it with
the output tied to the V
+ terminal of the IC. The load and power source are connected between the V+ and V− terminals, and input
common-mode is referred to the V
− terminal.
Common-mode rejection: The ratio of the input voltage range to the change in offset voltage between the extremes.
Supply-voltage rejection: The ratio of the specified supply-voltage change to the change in offset voltage between the
extremes.
Line regulation: The average change in reference output voltage over the specified supply voltage range.
Load regulation: The change in reference output voltage from no load to that load specified.
Feedback sense voltage: The voltage, referred to V
−, on the reference feedback terminal while operating in regulation.
Reference amplifier gain: The ratio of the specified reference output change to the change in feedback sense voltage required
to produce it.
Feedback current: The absolute value of the current at the feedback terminal when operating in regulation.
Supply current: The current required from the power source to operate the amplifier and reference with their outputs unloaded
and operating in the linear range.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com