Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5024IP Datasheet(PDF) 9 Page - Intersil Corporation

Part # HA5024IP
Description  Quad 125MHz Video Current Feedback Amplifier with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5024IP Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HA5024IP Datasheet HTML 5Page - Intersil Corporation HA5024IP Datasheet HTML 6Page - Intersil Corporation HA5024IP Datasheet HTML 7Page - Intersil Corporation HA5024IP Datasheet HTML 8Page - Intersil Corporation HA5024IP Datasheet HTML 9Page - Intersil Corporation HA5024IP Datasheet HTML 10Page - Intersil Corporation HA5024IP Datasheet HTML 11Page - Intersil Corporation HA5024IP Datasheet HTML 12Page - Intersil Corporation HA5024IP Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
3550.6
February 8, 2006
Referring to Figure 10, both inputs are terminated in their
characteristic impedance; 75
Ω is typical for video
applications. Since the drivers usually are terminated in their
characteristic impedance the input gain is 0.5, thus the
amplifiers, U2, are configured in a gain of +2 to set the circuit
gain equal to one. Resistors R2 and R3 determine the amplifier
gain, and if a different gain is desired R2 should be changed
according to the equation G = (1 + R3/R2). R3 sets the
frequency response of the amplifier so you should refer to the
manufacturers data sheet before changing its value. R5, C1
and D1 are an asymmetrical charge/discharge time circuit
which configures U1 as a break before make switch to prevent
both amplifiers from being active simultaneously. If this design
is extended to more channels the drive logic must be designed
to be break before make. R4 is enclosed in the feedback
loop of the amplifier so that the large open loop amplifier
gain of U2 will present the load with a small closed loop
output impedance while keeping the amplifier stable for all
values of load capacitance.
The circuit shown in Figure 10 was tested for the full range of
capacitor values with no oscillations being observed; thus,
problem one has been solved.The frequency and gain
characteristics of the circuit are now those of the amplifier
independent of any multiplexing action; thus, problem two
has been solved. The multiplexer transition time is
approximately 15
µs with the component values shown.
INPUT B
+
-
-5V
+
-
+5V
INHIBIT
CHANNEL
SWITCH
INPUT A
R1A
75
R1B
75
D1A
1N4148
U1C
U1A
U1B
U1D
R6
100K
R5A
2000
C1A
0.047
µF
R5B
2000
D1B
1N4148
R1A
681
1
2
3
4
16
R3A
681
R4A
27
0.01
µF
R2B
681
R4B
27
R3B
681
0.01
µF
OUTPUT
7
6
5
13
10
U2B
U2A
C1B
0.047
µF
NOTES:
22. U2: HA5022/24.
23. U1: CD4011.
FIGURE 10. LOW IMPEDANCE MULTIPLEXER
100
Ω
(NOTE 17)
100
Ω
(NOTE 17)
HA5024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com