Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M49000000G Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # M49000000G
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit) Pseudo Static RAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M49000000G Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button M49000000G Datasheet HTML 6Page - Advanced Micro Devices M49000000G Datasheet HTML 7Page - Advanced Micro Devices M49000000G Datasheet HTML 8Page - Advanced Micro Devices M49000000G Datasheet HTML 9Page - Advanced Micro Devices M49000000G Datasheet HTML 10Page - Advanced Micro Devices M49000000G Datasheet HTML 11Page - Advanced Micro Devices M49000000G Datasheet HTML 12Page - Advanced Micro Devices M49000000G Datasheet HTML 13Page - Advanced Micro Devices M49000000G Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
June 25, 2002
Am49DL320BG
9
P R E L I M I NARY
ORDERING INFORMATION
The order number (Valid Combination) is formed by the following::
Valid Combinations
Valid Combinations list configurations planned to be
supported in volume for this device. Consult the local
AMD sales office to confirm availability of specific valid
combinations and to check on newly released combi-
nations
Am49DL320
B
G
T
70
I
T
TAPE AND REEL
T
=
7 inches
S
=
13 inches
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
SPEED OPTION
See “Product Selector Guide” on page 5.
BOOT CODE SECTOR ARCHITECTURE
T
=
Top sector
B
=
Bottom sector
PROCESS TECHNOLOGY
G
=
0.17 µm
PSEUDO SRAM DEVICE DENSITY
B
=
32Mbits
AMD DEVICE NUMBER/DESCRIPTION
Am49DL320BG
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Am29DL320G 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
Operation Flash Memory and 32 Mbit (2 M x 16-Bit) Static RAM with Page Mode
Valid Combinations
Order Number
Package Markings
Am49DL320BGT851
T,S
M49000000H
Am49DL320BGB851
T,S
M49000001A
Am49DL320BGT701
T,S
M49000000G
Am49DL320BGB701
T,S
M49000001B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com