Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP621 Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TLP621
Description  PROGRAMMABLE CONTROLLER AC/ DC - INPUT MODULE SOLID STATE RELAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TLP621 Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  TLP621 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. TLP621 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. TLP621 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. TLP621 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TLP621 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TLP621 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TLP621 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TLP621 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
•
Current Transfer Ratio
CURRENT TRANSFER RATIO
CLASSI-
(%)Uc/IF)
FICATION
MARKING OF
TYPE
IF=5mA,VcE=5V,Ta=25°C
CLASSIFICATION
*1
MIN.
MAX.
(None)
50
600
BLANK,Y,y■,a,a•,B,B•,GB
Rank Y
50
150
Y,y■
TLP621-1
Rank GR
100
300
G,G•
Rank BL
200
600
B,B■
Rank GB
100
600
G,a•,B,B曰GB
TLP621-2
(None)
50
600
BLANK,GR,BL,GB
TLP621-4
Rank GB
100
600
GR,BL,GB
UMW TLP621
UMW
R
UMW TLP621
2
www.umw-ic.com
友台半导体有限公司



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com