Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP112BIDRLR Datasheet(PDF) 5 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP112BIDRLR
Description  Temperature range: -55°C ~ 150°C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP112BIDRLR Datasheet(HTML) 5 Page - Guangdong Youtai Semiconductor Co., Ltd.

  TMP112BIDRLR Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112BIDRLR Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112BIDRLR Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112BIDRLR Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112BIDRLR Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112BIDRLR Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112BIDRLR Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112BIDRLR Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112BIDRLR Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Delay
26 ms
26 ms
Startup
Start of
Conversion
Delay is set by CR1 and CR0
Figure 3. Schematic Diagram of Continuous Conversion
Detailed Description
Device Functional Modes
Continuous Conversion Mode
The default working mode of TMP112B is continuous conversion mode, and the typical conversion time is 26ms.
During continuous conversion mode, the ADC performs continuous temperature conversions and stores each results
to the temperature register, overwriting the result from the previous conversion. The conversion rate bits, CR1 and
CR0, configure the TMP112B for conversion rates of 0.25Hz, 1Hz, 4Hz, or 8Hz. The conversion rate can
be changed by configuring CR1 and CR0, the TMP112B makes a conversion and then powers down
and waits for the appropriate delay set by CR1 and CR0, as shown in Figure 3. Table 1 lists the settings for CR1
and CR0.
Table 1. Conversion Rate Settings
CR1
CR0
CONVERSION RATE
0
0
0.25Hz
0
1
1Hz
1
0
4Hz(default)
1
1
8Hz
Extended Mode
The temperature measurement range of TMP112B is -40°C to +125°C in normal temperature
measurement mode. By setting the EM bit in the configuration register to1, the TMP112B can enter the
extended temperature measurement mode. Extended mode (EM = 1) allows measurement of temperatures above
128°C by configuring the temperature register and the temperature limit registers for 13-bit data format.
The read-only temperature register in TMP112B uses two bytes to store the temperature measurement
results, as shown in Table 8 and Table 9. Byte 1 is the MSB, byte 2 is the LSB, and the upper 12 bits (13 bits in
extended mode) are used to indicate the temperature. It is not necessary to read the LSB when the temperature
information of the LSB is not required.
The data format of the TMP112B temperature measurement results is listed in Table 2 and Table 3, where
1LSB = 0.0625°C, and negative numbers are expressed in binary two's complement format. When powered on or
reset, the temperature register of the TMP112B will be set to 00h until the next temperature conversion is
complete. Unused bits in the temperature register always read as 0 (not shown in the table below).
www.umw-ic.com
5
友台半导体有限公司
UMW
R
TMP112B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com