Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP36 Datasheet(PDF) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP36
Description  Scale factor: 10 mV/°C
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP36 Datasheet(HTML) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

  TMP36 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
5.4
Electrical Characteristics
At TA = 25°C and V+ = 2.7V ~ 5.5V, unless otherwise noted. (Typically, TA = 25°C, V+ = 3.3V)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage range
2.7
5.5
V
Supply current
Normal operation
40
uA
Shutdown mode
0.5
uA
Temperature range
-40
125
°C
Accuracy (Temperature error)
+25°C,+Vs = 3.3V
±1
±2
°C
0°C to +70°C, +Vs = 1.8V
±1
±3
°C
-40°C to +125°C
±2
±3
°C
Supply voltage sensitivity
TA=25°C, 3.0V<+Vs<5.5V
20
100
m°C/V
Scale factor
−40°C ≤ TA ≤ +125°C
10
mV/°C
Load Regulation
−40°C ≤ TA ≤ +105°C
8
30
m°C/uA
105°C ≤ TA ≤ +125°C
3 0
70
m°C/uA
Linearity
0.5
°C
Long-term stability
0.4
°C
GX36 output voltage
A=25°C
750
mV
Output load current
0
50
uA
Short-circuit current
550u
uA
Capacitive load driving
1000
10000
pF
Device turn-on time
Output within±1°C,
100 kΩ||100 pF load2
0.5
1
ms
TMP36
UMW
R
www.umw-ic.com
4
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com