Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP4 Datasheet(PDF) 1 Page - Vox Power Ltd

Part # OP4
Description  OUTPUT MODULE 4: 18V-58V, 3.75A, 150W
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOXPOWER [Vox Power Ltd]
Direct Link  https://www.vox-power.com/
Logo VOXPOWER - Vox Power Ltd

OP4 Datasheet(HTML) 1 Page - Vox Power Ltd

  OP4 Datasheet HTML 1Page - Vox Power Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NEVO+ SERIES
OUTPUT MODULE 4: 18V-58V, 3.75A, 150W
OP4 DATASHEET
All specifications are believed to be correct at time of publishing. Vox Power Ltd reserves the right to make changes to any of its products and to change or improve any part of the specification, electrical or mechanical
design or manufacturing process without notice. Vox Power Ltd does not assume any liability arising out of the use or application of any of its products and of any information to the maximum extent permitted by law.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any products of Vox Power Ltd. VOX POWER LTD DISCLAIMS ALL WARRANTIES AND
REPRESENTATIONS OF ANY KIND WHETHER EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, IMPLIED WARRANTIES OF SUITABILITY, FITNESS FOR PURPOSE, MERCHANTABILITY AND NONINFRINGEMENT.
Please consult your local distributor or Vox Power directly to ensure that you have the latest revision before using the product and refer to the latest relevant user manual for further information relating to the use of the
product. Vox Power Ltd products are not intended for use in connection with life support systems, human implantations, nuclear facilities or systems, aircraft, spacecraft, military or naval missile, ground support or control
equipment used for the purpose of guidance navigation or direction of any aircraft, spacecraft or military or naval missile or any other application where product failure could lead to loss of life or catastrophic property
damage. The user will hold Vox Power Ltd harmless from any loss, cost or damage resulting from its breach of these provisions.
DOC-DTS-014-01, NEVO+ series output 4 datasheet
Vox Power Limited | Unit 2, Red Cow Interchange Estate, Ballymount, Dublin 22, D22 Y8H2, Ireland | T +353 1 4591161 | www.vox-power.com
OUTPUT 4 SPECIFICATIONS
Parameter
Details
Min
Typ
Max
Units
Output voltage range
See table
18
48
58
V
Rated current
3.75
A
Average output power
150
Watts
Peak output power
See graph, < 5 seconds
50% duty cycle
225
Watts
Initial voltage accuracy
Factory set units
-0.5
0.5
%
Manual Voltage Adjust
11 turn potentiometer
3.6
V/turn
Load Regulation
Measured at sense terminals
-300
300
mV
Line Regulation
Measured at sense terminals
-0.1
0.1
%Vnom
Cross Regulation
Measured at sense terminals
-0.2
0.2
%Vnom
Minimum Load
0
Watts
Temperature coefficient
-0.02
0.02
%/°C
Ripple and Noise
20MHz BW, pk-pk
1
%Vnom
Transient response
25% to 75% load transient at
0.25A/uS
3
V
Recovery to within 10% of Vset
100
uS
Turn on rise time
Monotonic 10% to 90%
1.5
3.5
mS
Turn on overshoot
0.1
%Vset
Turn on delay
AC to PG
600
750
mS
En to PG
15
20
mS
Current share accuracy
5
%Imax
Open sense offset
Open sense, voltage offset due
to bias currents
2
%Vnom
Holdup voltage
50
V
Isolation to ground
Each terminal
250
V
Over current protection
% of rated current
105
125
%rated
Reverse current
protection
% of rated current
-6
0
%rated
Short circuit protection
(Hiccup mode)
Period
125
mS
Duty cycle
3
%
Voltage threshold (Measured at
sense terminals)
3.5
V
Over voltage protection
Latching
66
V
Over Temperature
protection
Internally monitored. Latching
115
125
°C
Sense cable protection
Positive
-3
3
V
Negative
2
V
Power Good threshold
Low threshold only
90
%Vset
Current output signal
ISIG=0.6+IOUT/(IRTD*1.25)
0
110
%Irated
Current limit control
ILMT = (VCTRL-0.6)*IRTD*1.25
0
110
%Irated
Remote voltage control
VOUT=VSET((1.8-VCTRL)/0.6)
0
300
%Vset
Bias supply
10mA max
4.5
5
5.2
V
Reliability
40°C 80% load
1
FPMH
Warranty
2
Years
Wire Size
20
18
10
AWG
Weight
60
Grams
Size
60mm x 35mm x 17mm
Notes: All specifications are believed to be correct at time of publication and are subject to change
without notice.


Similar Part No. - OP4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP400 AD-OP400 Datasheet
234Kb / 12P
Quad Low-Offset, Low-Power Operational Amplifier
logo
Maxwell Technologies
OP400 MAXWELL-OP400 Datasheet
386Kb / 10P
Quad Low-Offset, Low-Power Operational Amplifier
logo
Analog Devices
OP400 AD-OP400 Datasheet
389Kb / 16P
Quad Low Offset, Low Power Operational Amplifier
Rev. E
OP400 AD-OP400 Datasheet
340Kb / 16P
Quad Low Offset, Low Power Operational Amplifier
Rev. H
OP400 AD-OP400 Datasheet
340Kb / 16P
Quad Low Offset, Low Power Operational Amplifier
Rev. H
More results

Similar Description - OP4

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
HK10A LAMBDA-HK10A Datasheet
317Kb / 3P
Single output 10W~150W?
VS100B LAMBDA-VS100B Datasheet
234Kb / 3P
Single output 10W~150W?
ZWS100AF LAMBDA-ZWS100AF Datasheet
1Mb / 19P
Single output 50W ~ 150W
ZWS-AF LAMBDA-ZWS-AF Datasheet
1Mb / 19P
Single output 50W ~ 150W
logo
Linear Technology
LTM8050 LINER-LTM8050_15 Datasheet
474Kb / 24P
58V, 2A Step-Down Module Regulator
logo
MicroPower Direct, LLC
LDC-120 MPD-LDC-120 Datasheet
1Mb / 4P
150W Output Power
LDC-150 MPD-LDC-150 Datasheet
1Mb / 4P
150W Output Power
logo
Linear Technology
LTM4651 LINER-LTM4651 Datasheet
1Mb / 34P
EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
LTM8050 LINER-LTM8050 Datasheet
436Kb / 24P
58V, 2A Step-Down 關Module Regulator
logo
TDK Electronics
CME150-24 TDK-CME150-24 Datasheet
654Kb / 9P
Single Output 150W - 240W
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com