Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2823 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MB2823
Description  Dual 9-bit D-type flip-flop with reset and enable 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2823 Datasheet(HTML) 4 Page - NXP Semiconductors

  MB2823 Datasheet HTML 1Page - NXP Semiconductors MB2823 Datasheet HTML 2Page - NXP Semiconductors MB2823 Datasheet HTML 3Page - NXP Semiconductors MB2823 Datasheet HTML 4Page - NXP Semiconductors MB2823 Datasheet HTML 5Page - NXP Semiconductors MB2823 Datasheet HTML 6Page - NXP Semiconductors MB2823 Datasheet HTML 7Page - NXP Semiconductors MB2823 Datasheet HTML 8Page - NXP Semiconductors MB2823 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors Advanced BiCMOS Products
Product specification
MB2823
Dual 9-bit D-type flip-flop with
reset and enable (3-State)
August 24, 1993
5
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = –40°C
to +85
°C
UNIT
MIN
TYP
MAX
MIN
MAX
VIK
Input clamp voltage
VCC = 4.5V; IIK = –18mA
–0.9
–1.2
–1.2
V
VCC = 4.5V; IOH = –3mA; VI = VIL or VIH
2.5
2.9
2.5
V
VOH
High–level output voltage
VCC = 5.0V; IOH = –3mA; VI = VIL or VIH
3.0
3.4
3.0
V
VCC = 4.5V; IOH = –32mA; VI = VIL or VIH
2.0
2.4
2.0
V
VOL
Low–level output voltage
VCC = 4.5V; IOL = 64mA; VI = VIL or VIH
0.42
0.55
0.55
V
VRST
Power-up output low
voltage3
VCC = 5.5V; IOL = 1mA; VI = GND or VCC
0.13
0.55
0.55
V
II
Input leakage current
VCC = 5.5V; VI = GND or 5.5V
±0.01
±1.0
±1.0
µA
IOFF
Power-off leakage current
VCC = 0.0V; VO or VI ≤ 4.5V
±5.0
±100
±100
µA
IPU/PD
Power-up/down 3-State
output current4
VCC = 2.1V; VO = 0.5V; VI = GND or VCC,
VOE = Don’t care
±5.0
±50
±50
µA
IOZH
3-State output High current
VCC = 5.5V; VO = 2.7V; VI = VIL or VIH
5.0
50
50
µA
IOZL
3-State output Low current
VCC = 5.5V; VO = 0.5V; VI = VIL or VIH
–5.0
–50
–50
µA
ICEX
Output High leakage current
VCC = 5.5V; VO = 5.5V; VI = GND or VCC
5.0
50
50
µA
IO
Output current1
VCC = 5.5V; VO = 2.5V
–50
–70
–180
–50
–180
mA
ICCH
VCC = 5.5V; Outputs High, VI = GND or VCC
120
250
250
µA
ICCL
Quiescent supply current
VCC = 5.5V; Outputs Low, VI = GND or VCC
45
68
68
mA
ICCZ
VCC = 5.5V; Outputs 3–State;
VI = GND or VCC
120
250
250
µA
∆ICC
Additional supply current per
input pin2
VCC = 5.5V; one input at 3.4V,
other inputs at VCC or GND
0.5
1.5
1.5
mA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
3. For valid test results, data must not be loaded into the flip-flops (or latches) after applying the power.
4. This parameter is valid for any VCC between 0V and 2.1V with a transition time of up to 10msec. From VCC = 2.1V to VCC = 5V ± 10% a
transistion time of up to 100
µsec is permitted.
AC CHARACTERISTICS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to
+85oC
VCC = +5.0V ±0.5V
UNIT
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum clock frequency
1
140
190
140
MHz
tPLH
tPHL
Propagation delay
nCP to nQx
1
2.0
2.5
3.8
4.2
5.1
5.6
2.0
2.5
5.7
6.1
ns
tPHL
Propagation delay
nMR to nQx
2
3.2
5.3
6.6
3.2
7.5
ns
tPZH
tPZL
Output enable time
to High and Low level
4
5
1.3
2.2
3.2
4.0
4.4
5.3
1.3
2.2
5.1
5.9
ns
tPHZ
tPLZ
Output disable time
from High and Low level
4
5
1.3
1.5
3.3
3.1
4.6
4.4
1.3
1.5
5.1
5.9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com