Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M49000000R Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # M49000000R
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M49000000R Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button M49000000R Datasheet HTML 14Page - Advanced Micro Devices M49000000R Datasheet HTML 15Page - Advanced Micro Devices M49000000R Datasheet HTML 16Page - Advanced Micro Devices M49000000R Datasheet HTML 17Page - Advanced Micro Devices M49000000R Datasheet HTML 18Page - Advanced Micro Devices M49000000R Datasheet HTML 19Page - Advanced Micro Devices M49000000R Datasheet HTML 20Page - Advanced Micro Devices M49000000R Datasheet HTML 21Page - Advanced Micro Devices M49000000R Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
July 19, 2002
Am49DL32xBG
17
P R E L I M I NARY
Note: The address range is A20:A-1 in byte mode (BYTE#=V
IL) or A20:A0 in word mode (BYTE#=VIH). The bank address bits
are A20–A18 for Am29DL322GB, A20 and A19 for Am29DL323GB, and A20 for Am29DL324GB.
Table 7.
Bottom Boot SecSi
 Sector Addresses
SA48
101001xxx
64/32
290000h–29FFFFh
148000h–14FFFFh
SA49
101010xxx
64/32
2A0000h–2AFFFFh
150000h–157FFFh
SA50
101011xxx
64/32
2B0000h–2BFFFFh
158000h–15FFFFh
SA51
101100xxx
64/32
2C0000h–2CFFFFh
160000h–167FFFh
SA52
101101xxx
64/32
2D0000h–2DFFFFh
168000h–16FFFFh
SA53
101110xxx
64/32
2E0000h–2EFFFFh
170000h–177FFFh
SA54
101111xxx
64/32
2F0000h–2FFFFFh
178000h–17FFFFh
SA55
111000xxx
64/32
300000h–30FFFFh
180000h–187FFFh
SA56
110001xxx
64/32
310000h–31FFFFh
188000h–18FFFFh
SA57
110010xxx
64/32
320000h–32FFFFh
190000h–197FFFh
SA58
110011xxx
64/32
330000h–33FFFFh
198000h–19FFFFh
SA59
110100xxx
64/32
340000h–34FFFFh
1A0000h–1A7FFFh
SA60
110101xxx
64/32
350000h–35FFFFh
1A8000h–1AFFFFh
SA61
110110xxx
64/32
360000h–36FFFFh
1B0000h–1B7FFFh
SA62
110111xxx
64/32
370000h–37FFFFh
1B8000h–1BFFFFh
SA63
111000xxx
64/32
380000h–38FFFFh
1C0000h–1C7FFFh
SA64
111001xxx
64/32
390000h–39FFFFh
1C8000h–1CFFFFh
SA65
111010xxx
64/32
3A0000h–3AFFFFh
1D0000h–1D7FFFh
SA66
111011xxx
64/32
3B0000h–3BFFFFh
1D8000h–1DFFFFh
SA67
111100xxx
64/32
3C0000h–3CFFFFh
1E0000h–1E7FFFh
SA68
111101xxx
64/32
3D0000h–3DFFFFh
1E8000h–1EFFFFh
SA69
111110xxx
64/32
3E0000h–3EFFFFh
1F0000h–1F7FFFh
SA70
111111xxx
64/32
3F0000h–3FFFFFh
1F8000h–1FFFFFh
Table 6.
Bottom Boot Sector Addresses (Continued)
Sector
Sector Address
A20–A12
Sector Size
(Kbytes/Kwords)
(x8)
Address Range
(x16)
Address Range
Device
Sector Address
A20–A12
Sector Size
(Bytes/Words)
(x8)
Address Range
(x16)
Address Range
Am29DL322GB, Am29DL323GB,
Am29DL324GB
000000xxx
256/128
000000h–0000FFh
00000h–00007Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com