Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2827 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MB2827
Description  Dual 10-bit buffer/line driver; non-inverting 3-State
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2827 Datasheet(HTML) 2 Page - NXP Semiconductors

  MB2827 Datasheet HTML 1Page - NXP Semiconductors MB2827 Datasheet HTML 2Page - NXP Semiconductors MB2827 Datasheet HTML 3Page - NXP Semiconductors MB2827 Datasheet HTML 4Page - NXP Semiconductors MB2827 Datasheet HTML 5Page - NXP Semiconductors MB2827 Datasheet HTML 6Page - NXP Semiconductors MB2827 Datasheet HTML 7Page - NXP Semiconductors MB2827 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors Advanced BiCMOS Products
Product specification
MB2827
Dual 10-bit buffer/line driver;
non-inverting (3-State)
August 27, 1993
2
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
45, 44, 42, 41, 39, 38, 37, 36, 35, 34,
33, 32, 31, 29, 28, 27, 25, 24, 23, 22
1A0 – 1A9
2A0 – 2A9
Data inputs
48, 49, 50, 51, 1, 2, 3, 5, 6, 7, 8, 9,
10, 11, 12, 13, 15, 16, 18, 19
1Y0 – 1Y9
2Y0 – 2Y9
Data outputs
46, 47
21, 20
1OE0, 1OE1
2OE0, 2OE1
Output enable inputs (active–Low)
4, 17, 30, 43
GND
Ground (0V)
14, 26, 40, 52
VCC
Positive supply voltage
LOGIC SYMBOL (IEEE/IEC)
1
45
48
44
49
42
50
41
51
39
1
38
2
37
3
36
5
46
47
35
6
34
7
1
33
8
32
9
31
10
29
11
28
12
27
13
25
15
24
16
21
20
23
18
22
19
&
EN1
&
EN1
LOGIC DIAGRAM
nA0
nY0
nOE0
nA1
nY1
nA2
nY2
nA3
nY3
nA4
nY4
nA5
nY5
nA6
nY6
nA7
nY7
nA8
nY8
nA9
nY9
nOE1
FUNCTION TABLE
INPUTS
OUTPUTS
OPERATING
nOEx
nAx
nYx
MODE
L
L
L
Transparent
L
H
H
Transparent
H
X
Z
High impedance
H = High voltage level
L
= Low voltage level
X = Don’t care
Z = High impedance “off” state



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com