Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29SL800DB100ED Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # AM29SL800DB100ED
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800DB100ED Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button AM29SL800DB100ED Datasheet HTML 29Page - Advanced Micro Devices AM29SL800DB100ED Datasheet HTML 30Page - Advanced Micro Devices AM29SL800DB100ED Datasheet HTML 31Page - Advanced Micro Devices AM29SL800DB100ED Datasheet HTML 32Page - Advanced Micro Devices AM29SL800DB100ED Datasheet HTML 33Page - Advanced Micro Devices AM29SL800DB100ED Datasheet HTML 34Page - Advanced Micro Devices AM29SL800DB100ED Datasheet HTML 35Page - Advanced Micro Devices AM29SL800DB100ED Datasheet HTML 36Page - Advanced Micro Devices AM29SL800DB100ED Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
D A TA
SH EE T
January 23, 2007 27546A6
Am29SL800D
31
AC CHARACTERISTICS
Notes:
1.
Not 100% tested.
2.
See the Table 16 on page 39 for more information.
Table 13.
Erase/Program Operations
Parameter
Speed Options
JEDEC
Std
Description
-90
-100
-120
-150
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min
90
100
120
150
ns
tAVWL
tAS
Address Setup Time
Min
0
ns
tWLAX
tAH
Address Hold Time
Min
45
50
60
70
ns
tDVWH
tDS
Data Setup Time
Min
45
50
60
70
ns
tWHDX
tDH
Data Hold Time
Min
0
ns
tOES
Output Enable Setup Time
Min
0
ns
tGHWL
tGHWL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
tELWL
tCS
CE# Setup Time
Min
0
ns
tWHEH
tCH
CE# Hold Time
Min
0
ns
tWLWH
tWP
Write Pulse Width
Min
45
50
60
70
ns
tWHWL
tWPH
Write Pulse Width High
Min
30
ns
tWHWH1
tWHWH1
Programming Operation (Notes 1, 2)
Byte
Typ
5
µs
Word
Typ
7
tWHWH2
tWHWH2
Sector Erase Operation (Notes 1, 2)
Typ
0.7
sec
tVCS
VCC Setup Time
Min
50
µs
tRB
Recovery Time from RY/BY#
Min
0
ns
tBUSY
Program/Erase Valid to RY/BY# Delay
Max
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com