Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29SL800DB100WAD Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM29SL800DB100WAD
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800DB100WAD Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM29SL800DB100WAD Datasheet HTML 10Page - Advanced Micro Devices AM29SL800DB100WAD Datasheet HTML 11Page - Advanced Micro Devices AM29SL800DB100WAD Datasheet HTML 12Page - Advanced Micro Devices AM29SL800DB100WAD Datasheet HTML 13Page - Advanced Micro Devices AM29SL800DB100WAD Datasheet HTML 14Page - Advanced Micro Devices AM29SL800DB100WAD Datasheet HTML 15Page - Advanced Micro Devices AM29SL800DB100WAD Datasheet HTML 16Page - Advanced Micro Devices AM29SL800DB100WAD Datasheet HTML 17Page - Advanced Micro Devices AM29SL800DB100WAD Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
D A TA
SH EE T
12
Am29SL800D
27546A6 January 23, 2007
Autoselect Mode
The autoselect mode provides manufacturer and
device identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equipment
to automatically match a device to be programmed with
its corresponding programming algorithm. However,
the autoselect codes can also be accessed in-system
through the command register.
When using programming equipment, the autoselect
mode requires VID on address pin A9. Address pins
A6, A1, and A0 must be as shown in Table 4. In addi-
tion, when verifying sector protection, the sector
address must appear on the appropriate highest order
address bits (see Table 2 on page 10 and Table 3 on
page 11). Table 4 shows the remaining address bits
that are don’t care. When all necessary bits have been
set as required, the programming equipment may then
read the corresponding identifier code on DQ7–DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 5 on page 19.
This method does not require VID. See Command
Definitions‚ on page 14 for details on using the autose-
lect mode.
L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Sector Protection/Unprotection
The hardware sector protection feature disables both
program and erase operations in any sector. The hard-
ware sector unprotection feature re-enables both
program and erase operations in previously protected
sectors. Sector protection/unprotection can be imple-
mented via two methods.
Sector Protection/ Unprotection requires VID on the
RESET# pin only, and can be implemented either in-
system or via programming equipment. Figure 1, on
page 13 shows the algorithms and Figure 23, on page
36 shows the timing diagram. For sector unprotect, all
unprotected sectors must first be protected prior to the
first sector unprotect write cycle.
The device is shipped with all sectors unprotected.
AMD offers the option of programming and protecting
sectors at its factory prior to shipping the device
through AMD’s ExpressFlash™ Service. Contact an
AMD representative for details.
It is possible to determine whether a sector is protected
or unprotected. See Autoselect Mode‚ on page 12 for
details.
Temporary Sector Unprotect
This feature allows temporary unprotection of previ-
ously protected sectors to change data in-system. The
Sector Unprotect mode is activated by setting the
RESET# pin to VID. During this mode, formerly pro-
tected sectors can be programmed or erased by
selecting the sector addresses. Once VID is removed
from the RESET# pin, all the previously protected
sectors are protected again. Figure 2, on page 14
shows the algorithm, and Figure 22, on page 35 shows
the timing diagrams, for this feature.
Table 4.
Am29SL800D Autoselect Code (High Voltage Method)
Description
Mode
CE#
OE#
WE#
A18
to
A12
A11
to
A10
A9
A8
to
A7
A6
A5
to
A2
A1
A0
DQ8
to
DQ15
DQ7
to
DQ0
Manufacturer ID: AMD
L
L
H
X
X
VID
X
L
X
L
L
X
01h
Device ID:
Am29SL800D
(Top Boot Block)
Word
L
L
H
XX
VID
XLX
L
H
22h
EAh
Byte
L
L
H
X
EAh
Device ID:
Am29SL800D
(Bottom Boot Block)
Word
L
L
H
XX
VID
XLX
L
H
22h
6Bh
Byte
L
L
H
X
6Bh
Sector Protection Verification
L
L
H
SA
X
VID
XLX
H
L
X
01h (protected)
X
00h
(unprotected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com