Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP4020IBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP4020IBZ
Description  Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4020IBZ Datasheet(HTML) 2 Page - Intersil Corporation

  HIP4020IBZ Datasheet HTML 1Page - Intersil Corporation HIP4020IBZ Datasheet HTML 2Page - Intersil Corporation HIP4020IBZ Datasheet HTML 3Page - Intersil Corporation HIP4020IBZ Datasheet HTML 4Page - Intersil Corporation HIP4020IBZ Datasheet HTML 5Page - Intersil Corporation HIP4020IBZ Datasheet HTML 6Page - Intersil Corporation HIP4020IBZ Datasheet HTML 7Page - Intersil Corporation HIP4020IBZ Datasheet HTML 8Page - Intersil Corporation HIP4020IBZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
FN3976.3
December 20, 2005
Pinout
HIP4020 (SOIC)
TOP VIEW
Block Diagram
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
NC
ILF
B2
ENB
B1
VSS
A1
ENA
A2
NC
NC
NC
OUTB
VSSB
VDD
VSSA
OUTA
NC
VDD
NC
VSSB
VDD
OUTB
OUTA
B1
B2
ENB
A1
A2
ENA
ILF
VSS
VSSA
Q1
Q3
Q2
Q4
ISENSE
TSENSE
ISENSE
ISENSE
ISENSE
HIP4020



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com