Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2224 Datasheet(PDF) 13 Page - SMSC Corporation

Part # USB2224
Description  Bus Powered USB2.0 Flash Media Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2224 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button USB2224_06 Datasheet HTML 9Page - SMSC Corporation USB2224_06 Datasheet HTML 10Page - SMSC Corporation USB2224_06 Datasheet HTML 11Page - SMSC Corporation USB2224_06 Datasheet HTML 12Page - SMSC Corporation USB2224_06 Datasheet HTML 13Page - SMSC Corporation USB2224_06 Datasheet HTML 14Page - SMSC Corporation USB2224_06 Datasheet HTML 15Page - SMSC Corporation USB2224_06 Datasheet HTML 16Page - SMSC Corporation USB2224_06 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Bus Powered USB2.0 Flash Media Controller
Datasheet
SMSC USB2224
Page 13
Revision 1.3 (06-13-06)
DATASHEET
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
Memory
Address Bus
MA[15:0]
O8
These signals address memory locations within the
external memory.
Memory Read
Strobe
nMWR
O8
Program Memory Write; active low
Memory Read
Strobe
nMRD
O8
Program Memory Read; active low
Memory Chip
Enable
nMCE
O8
Program Memory Chip Enable; active low. This signal is
asserted, when the device is not is SUSPEND mode.
Note: This signal is held in a logic ‘high’ state (inactive)
during nRESET assertion.
MISC
GPIO6,
ROMEN and
RXD
GPIO6
/ROMEN
I/O8PU
This pin has an internal weak pullup resistor that can be
enabled or disabled by the state of nRESET.
The pullup is enabled when nRESET is active.
The pullup is disabled, when the nRESET is inactive
(some clock cycles later, after the rising edge of
nRESET).
The state of this pin is latched internally on the rising
edge of nRESET to determine if internal or external
program memory is used.
The state latched is stored in ROMEN bit of GPIO_IN1
register. After the rising edge of nRESET, this pin may be
used as GPIO6 or RXD.
When pulled low via an external weak pulldown resistor,
an external program memory should be connected to the
memory data bus. The USB2224 uses this external bus
for program execution.
When this pin is left unconnected or pulled high by a
weak pullup resistor, the USB2224 uses the internal ROM
for program execution.
This pin’s function while operating from internal ROM is
shown in Table 6.3 - GPIO Usage.
General
Purpose I/O
GPIO1
I/O8
This pin may be used either as input, edge sensitive
interrupt input, or output.
This pin’s function while operating from internal ROM is
shown in Table 6.3 - GPIO Usage.
General
Purpose I/O
GPIO2
I/O8
This pin may be used either as input, edge sensitive
interrupt input, or output.
This pin’s function while operating from internal ROM is
shown in Table 6.3 - GPIO Usage.
General
Purpose I/O
GPIO3
I/O8
This pin may be used either as input, edge sensitive
interrupt input, or output.
This pin’s function while operating from internal ROM is
shown in Table 6.3 - GPIO Usage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com