Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2227 Datasheet(PDF) 18 Page - SMSC Corporation

Part # USB2227
Description  4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2227 Datasheet(HTML) 18 Page - SMSC Corporation

Back Button USB2227_06 Datasheet HTML 14Page - SMSC Corporation USB2227_06 Datasheet HTML 15Page - SMSC Corporation USB2227_06 Datasheet HTML 16Page - SMSC Corporation USB2227_06 Datasheet HTML 17Page - SMSC Corporation USB2227_06 Datasheet HTML 18Page - SMSC Corporation USB2227_06 Datasheet HTML 19Page - SMSC Corporation USB2227_06 Datasheet HTML 20Page - SMSC Corporation USB2227_06 Datasheet HTML 21Page - SMSC Corporation USB2227_06 Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
Datasheet
Revision 1.91 (10-13-06)
18
SMSC USB2227/USB2228
DATASHEET
nMCE
17
B8
O8
Memory Chip Enable:
Program Memory Chip Enable; active low.
This signal is asserted, when any of the following
conditions are no longer met:
1. IDLE bit (PCON.0) is 1.
2. INT2 is negated
3. SLEEP bit of CLOCK_SEL is 1.
Note:
This signal is held to a logic ‘high’ while
nRESET is asserted.
MISC
GPIO1
114
A57
I/O8
General Purpose I/O:
This pin may be used either as input, edge sensitive
interrupt input, or output.
GPIO2
113
B53
I/O8
General Purpose I/O:
This pin may be used either as input, edge sensitive
interrupt input, or output.
GPIO3
94
B44
I/O8
General Purpose I/O:
This pin may be used either as input, edge sensitive
interrupt input, or output.
GPIO4
111
A56
I/O8
General Purpose I/O:
This pin may be used either as input, edge sensitive
interrupt input, or output.
GPIO5
110
B52
I/O8
General Purpose I/O:
This pin may be used either as input, edge sensitive
interrupt input, or output.
GPIO6/
ROMEN
109
A55
IPU
GPIO6, ROMEN:
This pin has an internal weak pull-up resistor that is
enabled or disabled by the state of nRESET.
The pull-up is enabled when nRESET is active.
The pull-up is disabled, when the nRESET is inactive
(some clock cycles later, after the rising edge of
nRESET).
The state of this pin is latched internally on the rising
edge of nRESET to determine if internal or external
program memory is used.
The state latched is stored in ROMEN bit of GPIO_IN1
register.
I/O8
After the rising edge of nRESET, this pin may be used
as GPIO6 or RXD.
When pulled low via an external weak pull-down resistor,
an external program memory should be connected to
the memory data bus. The USB2227/USB2228 uses this
external bus for program execution.
When this pin is left unconnected or pulled high by a
weak pull-up resistor, the USB2227/USB2228 uses the
internal ROM for program execution.
SYMBOL
128-PIN
VTQFP
124-PIN
DQFN
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com