Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2227 Datasheet(PDF) 15 Page - SMSC Corporation

Part # USB2227
Description  4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2227 Datasheet(HTML) 15 Page - SMSC Corporation

Back Button USB2227 Datasheet HTML 11Page - SMSC Corporation USB2227 Datasheet HTML 12Page - SMSC Corporation USB2227 Datasheet HTML 13Page - SMSC Corporation USB2227 Datasheet HTML 14Page - SMSC Corporation USB2227 Datasheet HTML 15Page - SMSC Corporation USB2227 Datasheet HTML 16Page - SMSC Corporation USB2227 Datasheet HTML 17Page - SMSC Corporation USB2227 Datasheet HTML 18Page - SMSC Corporation USB2227 Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
Datasheet
SMSC USB2227/USB2228
15
Revision 1.91 (10-13-06)
DATASHEET
MS_SCLK
23
B11
O8
MS System CLK:
This pin is an output clock signal to the MS device.
The clock frequency is software configurable.
SD INTERFACE
SD_DAT[3:0]
29
28
27
26
A15
B13
A14
B12
I/O8PU
SD Data 3-0:
These are bi-directional data signals.
These pins have internally controlled weak pull-up
resistors.
SD_CLK
31
A16
O8
SD Clock:
This is an output clock signal to SD/MMC device.
The clock frequency is software configurable.
SD_CMD
30
B14
I/O8PU
SD Command:
This is a bi-directional signal that connects to the CMD
signal of SD/MMC device.
This pin has an internally controlled weak pull-up
resistor.
SD_nWP
25
A13
IPD
SD Write Protected:
This pin is an input signal with an internal weak pull-
down.
This pin has an internally controlled weak pull-down
resistor.
USB INTERFACE
USBDM
USBDP
87
88
A44
B41
IO-U
USB Bus Data:
These pins connect to the USB bus data signals.
RBIAS
98
A49
I
USB Transceiver Bias:
A 12.0k
Ω, ± 1.0% resistor is attached from VSSA to this
pin, in order to set the transceiver’s internal bias
currents.
ATEST
99
B47
AIO
Analog Test:
This signal is used for testing the analog section of the
chip and should be connected to VDDA33 for normal
operation.
VDD18PLL
101
B48
1.8v Power for the PLL
VSSPLL
104
A52
PLL Ground Reference:
Ground Reference for 1.8v PLL power
VDDA33
89
A45
3.3v Analog Power
VSSA
86
A43
Analog Ground Reference:
Analog Ground Reference for 3.3v Analog Power.
SYMBOL
128-PIN
VTQFP
124-PIN
DQFN
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com