| Electronic Components Datasheet Search |
|
USB2230 Datasheet(PDF) 14 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2230 Datasheet(HTML) 14 Page - SMSC Corporation |
|
14 / 27 page ![]() 5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs Datasheet Revision 1.3 (02-13-06) 14 SMSC USB2229/USB2230 DATASHEET CF Card Detection2 CF_nCD2 IPU This card detection pin is connected to the ground on the CF device, when the CF device is inserted. This pin has an internally controlled weak pull-up resistor. CF Card Detection1 CF_nCD1 IPU This card detection pin is connected to ground on the CF device, when the CF device is inserted. This pin has an internally controlled weak pull-up resistor. CF Hardware Reset CF_nRESET O8 This pin is an active low hardware reset signal to CF device. CF IO Read CF_nIOR O8 This pin is an active low read strobe signal for CF device. CF IO Write Strobe CF_nIOW O8 This pin is an active low write strobe signal for CF device. SmartMedia INTERFACE SM Write Protect SM_nWP O8PD This pin is an active low write protect signal for the SM device. This pin has a weak pull-down resistor that is permanently enabled SM Address Strobe SM_ALE O8PD This pin is an active high Address Latch Enable signal for the SM device. This pin has a weak pull-down resistor that is permanently enabled SM Command Strobe SM_CLE O8PD This pin is an active high Command Latch Enable signal for the SM device. This pin has a weak pull-down resistor that is permanently enabled SM Data7-0 SM_D[7:0] I/O8PD These pins are the bi-directional data signal SM_D7- SM_D0. The bi-directional data signal has an internal weak pull- down resistor. SM Read Enable SM_nRE 08PU This pin is an active low read strobe signal for SM device. When using the internal FET, this pin has an internal weak pull-up resistor that is tied to the output of the internal Power FET. 08 If an external FET is used (Internal FET is disabled), then the internal pull-up is not available (external pull- ups must be used, and should be connected to the applicable Card Power Supply). Table 6.1 USB2229/USB2230 Pin Descriptions NAME SYMBOL BUFFER TYPE DESCRIPTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |