Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3250 Datasheet(PDF) 46 Page - SMSC Corporation

Part # USB3250
Description  USB2.0 PHY IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3250 Datasheet(HTML) 46 Page - SMSC Corporation

Back Button USB3250 Datasheet HTML 40Page - SMSC Corporation USB3250 Datasheet HTML 41Page - SMSC Corporation USB3250 Datasheet HTML 42Page - SMSC Corporation USB3250 Datasheet HTML 43Page - SMSC Corporation USB3250 Datasheet HTML 44Page - SMSC Corporation USB3250 Datasheet HTML 45Page - SMSC Corporation USB3250 Datasheet HTML 46Page - SMSC Corporation USB3250 Datasheet HTML 47Page - SMSC Corporation USB3250 Datasheet HTML 48Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
USB2.0 PHY IC
Datasheet
Revision 1.5 (03-24-06)
46
SMSC GT3200, SMSC USB3250
DATASHEET
Figure 8.10 Application Diagram for 56-pin QFN Package
UTMI
USB
POWER
TXVALID
TXREADY
RXACTIVE
RXVALID
RXERROR
VALIDH
DATABUS16_8
XCVRSELECT
TERMSELECT
SUSPENDN
RESET
OPMODE 0
OPMODE 1
LINESTATE 0
LINESTATE 1
CLKOUT
DATA 0
DATA 1
DATA 2
DATA 3
DATA 4
DATA 5
DATA 6
DATA 7
DATA 8
DATA 9
DATA 10
DATA 11
DATA 12
DATA 13
DATA 14
DATA 15
XI
XO
DP
DM
VDDA1.8
VDD1.8
VDD1.8
VDD1.8
VDD1.8
VDDA3.3
VDDA3.3
VDD3.3
VDD3.3
VDD3.3
VSS
VSS
VSS
VSS
VSS
VSSA
VSSA
VSSA
VSSA
USB-B
GND
VDD3.3
1ΜΩ
12MHz
Crystal
C LOAD
C LOAD
44
42
41
40
39
37
36
35
34
32
31
30
29
27
26
25
10
11
12
16
23
38
53
4
7
15
28
43
45
51
50
46
52
47
54
17
18
13
24
20
19
22
21
49
3
2
14
33
48
55
56
1
5
8
9
RBIAS
6
12K
Ω
VDD1.8
Voltage
Regulator
VDD3.3
10uF
1uF
1uF
10uF
VDD1.8
Ferrite Bead
Ferrite Bead
10uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com