Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3290-FH Datasheet(PDF) 11 Page - SMSC Corporation

Part # USB3290-FH
Description  Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3290-FH Datasheet(HTML) 11 Page - SMSC Corporation

Back Button USB3290-FH Datasheet HTML 7Page - SMSC Corporation USB3290-FH Datasheet HTML 8Page - SMSC Corporation USB3290-FH Datasheet HTML 9Page - SMSC Corporation USB3290-FH Datasheet HTML 10Page - SMSC Corporation USB3290-FH Datasheet HTML 11Page - SMSC Corporation USB3290-FH Datasheet HTML 12Page - SMSC Corporation USB3290-FH Datasheet HTML 13Page - SMSC Corporation USB3290-FH Datasheet HTML 14Page - SMSC Corporation USB3290-FH Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
Datasheet
SMSC USB3290
11
Revision 1.2 (10-27-06)
DATASHEET
Table 4.5 Power and Ground Signals
NAME
DIRECTION
ACTIVE
LEVEL
DESCRIPTION
VDD3.3
(V33)
N/A
N/A
3.3V Supply.
Provides power for USB 2.0 Transceiver, UTMI+
Digital, Digital I/O, and Regulators.
REG_EN
(REN)
Input
High
On-Chip 1.8V regulator enable. Connect to ground to disable on
chip VDDA1.8V and VDD1.8V regulators. When regulators are
disabled, external 1.8V must be supplied to VDDA1.8 and
VDD1.8 pins.
VDD1.8
(V18)
N/A
N/A
1.8V Digital Supply.
Supplied by On-Chip Regulator when
REG_EN is active. Low ESR 4.7uF minimum capacitor
requirement when using internal regulators.
VSS
(GND)
N/A
N/A
Common Ground.
VDDA1.8
(V18A)
N/A
N/A
1.8V Analog Supply.
Supplied by On-Chip Regulator when
REG_EN is active. Low ESR 4.7uF minimum capacitor
requirement when using internal regulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com