Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29SL800DB120WCF Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AM29SL800DB120WCF
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800DB120WCF Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AM29SL800DB120WCF Datasheet HTML 20Page - Advanced Micro Devices AM29SL800DB120WCF Datasheet HTML 21Page - Advanced Micro Devices AM29SL800DB120WCF Datasheet HTML 22Page - Advanced Micro Devices AM29SL800DB120WCF Datasheet HTML 23Page - Advanced Micro Devices AM29SL800DB120WCF Datasheet HTML 24Page - Advanced Micro Devices AM29SL800DB120WCF Datasheet HTML 25Page - Advanced Micro Devices AM29SL800DB120WCF Datasheet HTML 26Page - Advanced Micro Devices AM29SL800DB120WCF Datasheet HTML 27Page - Advanced Micro Devices AM29SL800DB120WCF Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
D A TA
SH EE T
22
Am29SL800D
27546A6 January 23, 2007
The remaining scenario is that the system initially
determines that the toggle bit is toggling and DQ5 has
not gone high. The system may continue to monitor the
toggle bit and DQ5 through successive read cycles,
determining the status as described in the previous
paragraph. Alternatively, it may choose to perform
other system tasks. In this case, the system must start
at the beginning of the algorithm when it returns to
determine the status of the operation (top of Figure 6).
Notes:
1.
Read toggle bit twice to determine whether or not it is toggling.
See text.
2.
Recheck toggle bit because it may stop toggling as DQ5 changes
to “1”. See text
Figure 6.
Toggle Bit Algorithm
DQ5: Exceeded Timing Limits
DQ5 indicates whether the program or erase time has
exceeded a specified internal pulse count limit. Under
these conditions DQ5 produces a 1. This is a failure
condition that indicates the program or erase cycle was
not successfully completed.
The DQ5 failure condition may appear if the system
tries to program a 1 to a location that is previously pro-
grammed to 0. Only an erase operation can change
a 0 back to a 1. Under this condition, the device halts
the operation, and when the operation has exceeded
the timing limits, DQ5 produces a 1.
Under both these conditions, the system must issue the
reset command to return the device to reading array
data.
DQ3: Sector Erase Timer
After writing a sector erase command sequence, the
system may read DQ3 to determine whether or not an
erase operation has begun. (The sector erase timer
does not apply to the chip erase command.) If addi-
tional sectors are selected for erasure, the entire time-
out also applies after each additional sector erase com-
mand. When the time-out is complete, DQ3 switches
from 0 to 1. If the time between additional sector erase
commands from the system can be assumed to be less
than 50 µs, the system need not monitor DQ3. See also
Sector Erase Command Sequence‚ on page 16.
After the sector erase command sequence is written,
the system should read the status on DQ7 (Data#
Polling) or DQ6 (Toggle Bit I) to ensure the device has
accepted the command sequence, and then read DQ3.
If DQ3 is 1, the internally controlled erase cycle has
begun; all further commands (other than Erase Sus-
pend) are ignored until the erase operation is complete.
If DQ3 is 0, the device will accept additional sector
erase commands. To ensure the command has been
accepted, the system software should check the status
of DQ3 prior to and following each subsequent sector
erase command. If DQ3 is high on the second status
check, the last command might not have been
accepted. Figure 6 shows the outputs for DQ3.
START
No
Yes
Yes
DQ5 = 1?
No
Yes
Toggle Bit
= Toggle?
No
Program/Erase
Operation Not
Complete, Write
Reset Command
Program/Erase
Operation Complete
Read DQ7–DQ0
Toggle Bit
= Toggle?
Read DQ7–DQ0
Twice
Read DQ7–DQ0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com