Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP4086APZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP4086APZ
Description  80V, 0.5A Three Phase Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086APZ Datasheet(HTML) 1 Page - Intersil Corporation

  HIP4086APZ Datasheet HTML 1Page - Intersil Corporation HIP4086APZ Datasheet HTML 2Page - Intersil Corporation HIP4086APZ Datasheet HTML 3Page - Intersil Corporation HIP4086APZ Datasheet HTML 4Page - Intersil Corporation HIP4086APZ Datasheet HTML 5Page - Intersil Corporation HIP4086APZ Datasheet HTML 6Page - Intersil Corporation HIP4086APZ Datasheet HTML 7Page - Intersil Corporation HIP4086APZ Datasheet HTML 8Page - Intersil Corporation HIP4086APZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN4220.6
HIP4086
80V, 0.5A Three Phase Driver
The HIP4086 is a Three Phase Bridge N-Channel MOSFET
driver IC. The HIP4086 is specifically targeted for PWM
motor control. It makes bridge based designs simple and
flexible. Like the HIP4081, the HIP4086 has a flexible input
protocol for driving every possible switch combination. Unlike
the HIP4081, the user can override the shoot-through
protection for switched reluctance applications. The HIP4086
has reduced drive current compared to the HIP4081 (0.5A vs
2.5A) and a much wider range of programmable dead times
(0.25
µs to 4.5µs) - like the HIP4082. The HIP4086 is suitable
for applications requiring DC to 100kHz. Unlike the previous
family members, the HIP4086 has a programmable
undervoltage set point.
Also refer to the HIP4083, three phase upper only MOSFET
driver, for a lower current solution optimized for smaller
motors.
Pinout
HIP4086
(PDIP, SOIC)
TOP VIEW
Features
• Independently Drives 6 N-Channel MOSFETs in Three
Phase Bridge Configuration
• Bootstrap Supply Max Voltage to 95VDC
• Bias Supply Operation from 7V to 15V
• 1.25A Peak Turn-Off Current
• User-Programmable Dead Time (0.25
µs to 4.5µs)
• Charge-Pump and Bootstrap Maintain Upper Bias
Supplies
• Programmable Bootstrap Refresh Time
• Drives 1000pF Load with Typical Rise Time of 20ns and
Fall Time of 10ns
• DIS (Disable) Overrides Input Control
• Input Logic Thresholds Compatible with 5V to 15V Logic
Levels
• Dead Time Disable Capability
• Programmable Undervoltage Set Point
•
Pb-free available
Applications
• Brushless Motors
• AC Motor Drives
• Switched Reluctance Motor Drives
• Battery Powered Vehicles
Application Block Diagram
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
DWG. #
HIP4086AB*
-40 to 125
24 Ld SOIC
M24.3
HIP4086ABZ*
(See Note)
-40 to 125
24 Ld SOIC
(Pb-free)
M24.3
HIP4086AP
-40 to 125
24 Ld PDIP
E24.3
HIP4086APZ
(See Note)
-40 to 125
24 Ld PDIP
(Pb-free)
E24.3
*Add “-T” suffix to part number for tape and reel packaging.
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding
compounds/die attach materials and 100% matte tin plate termination finish, which
is compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J Std-020B.
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
AHB
BHO
BLO
ALO
BHS
VDD
AHS
AHO
CHO
CHB
CLO
CHS
BHB
BHI
AHI
BLI
ALI
VSS
DIS
RFSH
CHI
UVLO
CLI
RDEL
12V
80V
GND
GND
HIP4086
Data Sheet
July 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HIP4086APZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4086APZ INTERSIL-HIP4086APZ Datasheet
486Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver 1.25A peak turn-off current
June 1, 2011
HIP4086APZ INTERSIL-HIP4086APZ Datasheet
475Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
February 1, 2013
HIP4086APZ INTERSIL-HIP4086APZ Datasheet
536Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
HIP4086APZ INTERSIL-HIP4086APZ Datasheet
536Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
More results

Similar Description - HIP4086APZ

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1782K ROHM-2SD1782K Datasheet
80Kb / 4P
Power Transistor (80V, 0.5A)
logo
Intersil Corporation
HIP4083 INTERSIL-HIP4083 Datasheet
70Kb / 10P
80V, 300mA Three Phase High Side Driver
1996 07
HIP4086 INTERSIL-HIP4086 Datasheet
75Kb / 9P
80V, 0.5A Three Phase Driver
1999 05
HIP4084 INTERSIL-HIP4084 Datasheet
639Kb / 6P
80V, 0.50A Four Phase Driver
February 1998
HIP4083 INTERSIL-HIP4083_04 Datasheet
294Kb / 10P
80V, 300mA Three Phase High Side Driver
July 2004
logo
Rohm
2SD1782KT146R ROHM-2SD1782KT146R Datasheet
67Kb / 4P
Power Transistor (80V, 0.5A)
2SD1782K ROHM-2SD1782K Datasheet
67Kb / 4P
Power Transistor (80V, 0.5A)
logo
Intersil Corporation
HIP4083ABZ INTERSIL-HIP4083ABZ Datasheet
273Kb / 10P
80V, 300mA Three Phase High Side Driver
October 2, 2015
logo
Monolithic Power System...
EV46885DN-00A MPS-EV46885DN-00A Datasheet
147Kb / 3P
80V INPUT 0.5A HIGH POWER LED DRIVER
logo
Renesas Technology Corp
HIP4083 RENESAS-HIP4083 Datasheet
553Kb / 10P
80V, 300mA Three Phase High Side Driver
October 2, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com