| Electronic Components Datasheet Search |
|
EMCT03-ACZL-TR Datasheet(PDF) 4 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
EMCT03-ACZL-TR Datasheet(HTML) 4 Page - SMSC Corporation |
|
4 / 16 page ![]() 1°C Triple SMBus Temperature Sensor Datasheet Revision 2.3 (04-19-05) 4 SMSC EMCT03 DATASHEET Chapter 2 Electrical Characteristics VDD=3.3V±10%, AmbientTemp=0 °C to 85°C, except as noted below. CHARACTERISTIC MIN TYP MAX UNIT DC Power Supply Voltage VDD 3.0 3.3 3.6 V Current Consumption from VDD: 16 sets of conversions per second 8 sets of conversions per second 4 full sets of conversions per second 2 full sets of conversions per second 1 full set of conversions per second Power Down 3 1.75 1 700 500 3 mA mA mA µA µA µA POR Threshold 2.5 V Internal Temperature Monitor Temperature Accuracy Ambient Temp 0 °C to 85°C ± 1 ± 3 °C Temperature Resolution 0.125 °C Two External Temperature Monitors Temperature Accuracy Remote Diode 40 °C to 80°C, Ambient Temp 15°C to 70°C Remote Diode 0 °C to 125°C ± 1 ± 3 °C °C Temperature Resolution 0.125 °C Current Source Low Level High Level 10 170 µA µA ADC Conversion Time for all three sensors 60 ms Wake-up from STOP mode (During one shot command or transition to RUN mode) 1ms Resolution 11 bit Differential Non Linearity ± 1LSB Integral Non Linearity ± 1LSB |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |