Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M700000001 Datasheet(PDF) 89 Page - SPANSION

Part # M700000001
Description  2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M700000001 Datasheet(HTML) 89 Page - SPANSION

Back Button M700000001 Datasheet HTML 85Page - SPANSION M700000001 Datasheet HTML 86Page - SPANSION M700000001 Datasheet HTML 87Page - SPANSION M700000001 Datasheet HTML 88Page - SPANSION M700000001 Datasheet HTML 89Page - SPANSION M700000001 Datasheet HTML 90Page - SPANSION M700000001 Datasheet HTML 91Page - SPANSION M700000001 Datasheet HTML 92Page - SPANSION M700000001 Datasheet HTML 93Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 128 page
background image
November 25, 2003
Am70PDL127BDH/Am70PDL129BDH
87
AD VAN C E
INFORM ATION
Sector Group Protection and
Unprotection
The hardware sector group protection feature disables
both program and erase operations in any sector
group. In this device, a sector group consists of four
adjacent sectors that are protected or unprotected at
the same time (see Table 4). The hardware sector
group unprotection feature re-enables both program
and erase operations in previously protected sector
groups. Sector group protection/unprotection can be
implemented via two methods.
Sector protection/unprotection requires V
ID on the RE-
SET# pin only, and can be implemented either in-sys-
tem or via programming equipment. Figure 2 shows
the algorithms and Figure 24 shows the timing dia-
gram. This method uses standard microprocessor bus
cycle timing. For sector group unprotect, all unpro-
tected sector groups must first be protected prior to
the first sector group unprotect write cycle.
The device is shipped with all sector groups unpro-
tected. AMD offers the option of programming and pro-
tecting sector groups at its factory prior to shipping the
device through AMD’s ExpressFlash™ Service. Con-
tact an AMD representative for details.
It is possible to determine whether a sector group is
protected or unprotected. See the Autoselect Mode
section for details.
Table 3.
Sector Group Protection/Unprotection
Address Table
Sector Group
A21–A15
SA0
0000000
SA1
0000001
SA2
0000010
SA3
0000011
SA4–SA7
00001xx
SA8–SA11
00010xx
SA12–SA15
00011xx
SA16–SA19
00100xx
SA20–SA23
00101xx
SA24–SA27
00110xx
SA28–SA31
00111xx
SA32–SA35
01000xx
SA36–SA39
01001xx
SA40–SA43
01010xx
SA44–SA47
01011xx
SA48–SA51
01100xx
SA52–SA55
01101xx
SA56–SA59
01110xx
SA60–SA63
01111xx
SA64–SA67
10000xx
SA68–SA71
10001xx
SA72–SA75
10010xx
SA76–SA79
10011xx
SA80–SA83
10100xx
SA84–SA87
10101xx
SA88–SA91
10110xx
SA92–SA95
10111xx
SA96–SA99
11000xx
SA100–SA103
11001xx
SA104–SA107
11010xx
SA108–SA111
11011xx
SA112–SA115
11100xx
SA116–SA119
11101xx
SA120–SA123
11110xx
SA124
1111100
SA125
1111101
SA126
1111110
SA127
1111111
Sector Group
A21–A15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com