Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC55180 Datasheet(PDF) 13 Page - Intersil Corporation

Part # HC55180
Description  Extended Reach Ringing SLIC Family
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55180 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HC55180 Datasheet HTML 9Page - Intersil Corporation HC55180 Datasheet HTML 10Page - Intersil Corporation HC55180 Datasheet HTML 11Page - Intersil Corporation HC55180 Datasheet HTML 12Page - Intersil Corporation HC55180 Datasheet HTML 13Page - Intersil Corporation HC55180 Datasheet HTML 14Page - Intersil Corporation HC55180 Datasheet HTML 15Page - Intersil Corporation HC55180 Datasheet HTML 16Page - Intersil Corporation HC55180 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
Since the current relationships are different for constant
current versus constant voltage, the region of device
operation is critical to valid power dissipation calculations.
Reverse Active
Overview
The reverse active mode (RA, 011) provides the same
functionality as the forward active mode. On hook
transmission, DC loop feed and voice transmission are
supported. Loop supervision is provided by either the switch
hook detector (E0 = 1) or the ground key detector (E0 = 0).
The device may be operated from either high or low battery.
During reverse active the Tip and Ring DC voltage
characteristics exchange roles. That is, Ring is typically 4V
below ground and Tip is typically 4V more positive than
battery. Otherwise, all feed and voice transmission
characteristics are identical to forward active.
Silent Polarity Reversal
Changing from forward active to reverse active or vice versa
is referred to as polarity reversal. Many applications require
slew rate control of the polarity reversal event. Requirements
range from minimizing cross talk to protocol signalling.
The device uses an external low voltage capacitor, CPOL, to
set the reversal time. Once programmed, the reversal time
will remain nearly constant over various load conditions. In
addition, the reversal timing capacitor is isolated from the AC
loop, therefore loop stability is not impacted.
The internal circuitry used to set the polarity reversal time is
shown below.
During forward active, the current from source I1 charges
the external timing capacitor CPOL and the switch is open.
The internal resistor provides a clamping function for
voltages on the POL node. During reverse active, the switch
closes and I2 (roughly twice I1) pulls current from I1 and the
timing capacitor. The current at the POL node provides the
drive to a differential pair which controls the reversal time of
the Tip and Ring DC voltages.
Where
∆time is the required reversal time. Polarized
capacitors may be used for CPOL. The low voltage at the
POL pin and minimal voltage excursion
±0.75V, are well
suited to polarized capacitors.
Power Dissipation
The power dissipation equations for forward active operation
also apply to the reverse active mode.
Ringing
Overview
The ringing mode (RNG, 100) provides linear amplification to
support a variety of ringing waveforms. A programmable ring
trip function provides loop supervision and auto disconnect
upon ring trip. The device is designed to operate from the
high battery during this mode.
Architecture
The device provides linear amplification to the signal applied
to the ringing input, VRS. The differential ringing gain of the
device is 80V/V. The circuit model for the ringing path is
shown in the following figure.
The voltage gain from the VRS input to the Tip output is
40V/V. The resistor ratio provides a gain of 8 and the current
mirror provides a gain of 5. The voltage gain from the VRS
input to the Ring output is -40V/V. The equations for the Tip
and Ring outputs during ringing are provided below.
When the input signal at VRS is zero, the Tip and Ring
amplifier outputs are centered at half battery. The device
provides auto centering for easy implementation of
sinusoidal ringing waveforms. Both AC and DC control of the
Tip and Ring outputs is available during ringing. This feature
allows for DC offsets as part of the ringing waveform.
Ringing Input
The ringing input, VRS, is a high impedance input. The high
impedance allows the use of low value capacitors for AC
coupling the ring signal. The VRS input is enabled only
during the ringing mode, therefore a free running oscillator
may be connected to VRS at all times.
When operating from a battery of -100V, each amplifier, Tip
and Ring, will swing a maximum of 95VP-P . Hence, the
maximum signal swing at VRS to achieve full scale ringing is
FIGURE 8. REVERSAL TIMING CONTROL
CPOL
POL
I1
75k
Ω
I2
C
POL
∆time
75000
----------------
=
(EQ. 30)
FIGURE 9. LINEAR RINGING MODEL
TIP
RING
VRS
R/8
R
R
+
-
+
-
5:1
20
20
+
-
+
-
800K
VBH
2
V
T
V
BH
2
-----------
40
VRS
×
()
+
=
(EQ. 31)
V
R
V
BH
2
-----------
40
VRS
×
()
–
=
(EQ. 32)
HC55180, HC55181, HC55183, HC55184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com