Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2000SA Datasheet(PDF) 5 Page - UN Semiconducctor INC

Part # P2000SA
Description  Thyristor Surge Suppressors (TSS)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

P2000SA Datasheet(HTML) 5 Page - UN Semiconducctor INC

  P2000SA Datasheet HTML 1Page - UN Semiconducctor INC P2000SA Datasheet HTML 2Page - UN Semiconducctor INC P2000SA Datasheet HTML 3Page - UN Semiconducctor INC P2000SA Datasheet HTML 4Page - UN Semiconducctor INC P2000SA Datasheet HTML 5Page - UN Semiconducctor INC P2000SA Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Thyristor Surge Suppressors (TSS)
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
5/5
Part Numbering
ROHS
P0080SA - P5000SA Series
Packaging
Tape and Reel Specifications
Dimensions DO-214AA
Part Marking
P XXX 0 S A
Type
Median Voltage
Construction Variable, 0: One chip
2: Two chip
E: ESD Protection
Packge Type,
IPP Rating
S:DO- 214AA(SMB)
T:DO- 214AC(SMA)
E:TO- 92
L:DO-15,DO- 27,DQ- 41
Y: SMB- H
A: @10/700μs 2KV (50A)
B: @10/700μs 4KV (100A)
C: @10/700μs 6KV (150A)
Part Marking Code
(Refer to Electrical Characteristics Table)
Date code
PXXXA
XXXX
DO-214AA(SMB) @10/700μS, 2KV
Pxxx0SA
Part Number
Component
Package
DO-214AA
2500
Tape & Reel -12mm/13″tape
EIA -481 - D
Quantity
Packaging
Option
Packaging
Specification
Direction of Feed
0.63
(15.88)
0.512(13.0)
Arbor Hole Diameter
13.0
(330.0)
0.157
(4.0)
0.315
(8.0)
0.35
(9.00)
0.061
(1.5)
0.472
(12.0)
Cover tape
Diameter
Dimensions
Inches
Millimeters
Min
Min
A
B
C
D
E
F
G
H
K
0.130
0.201
0.077
0.159
0.030
0.076
0.002
0.077
0.006
0.156
0.220
0.087
0.181
0.063
0.096
0.008
0.104
0.016
3.30
5.10
1.95
4.05
0.76
1.90
0.05
1.95
0.15
3.95
5.60
2.20
4.60
1.60
2.45
0.20
2.65
0.41
Max
Max
H
K
G
0.079
(2.0)
0.085
(2.16)
0.07
Inch
(millimeter)
Pad outline
(1.78)
A
C
D
B
E
F



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com