Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F400TC Datasheet(PDF) 25 Page - SPANSION

Part # MBM29F400TC
Description  FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F400TC Datasheet(HTML) 25 Page - SPANSION

Back Button MBM29F400TC Datasheet HTML 21Page - SPANSION MBM29F400TC Datasheet HTML 22Page - SPANSION MBM29F400TC Datasheet HTML 23Page - SPANSION MBM29F400TC Datasheet HTML 24Page - SPANSION MBM29F400TC Datasheet HTML 25Page - SPANSION MBM29F400TC Datasheet HTML 26Page - SPANSION MBM29F400TC Datasheet HTML 27Page - SPANSION MBM29F400TC Datasheet HTML 28Page - SPANSION MBM29F400TC Datasheet HTML 29Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
MBM29F400TC-55/-70-90/MBM29F400BC-55/-70-90
24
s
s
s
s AC CHARACTERISTICS
• Read Only Operations Characteristics
*1: Test Conditions:
Output Load: 1 TTL gate and 30 pF
Input rise and fall times: 5 ns
Input pulse levels: 0.0 V or 3.0 V
Timing measurement reference level
Input: 1.5 V
Output: 1.5 V
Parameter
Symbol
Test
Setup
-55 *1
-70 *2
-90 *2
Unit
JEDEC Standard
Min
Max
Min
Max
Min
Max
Read Cycle Time
tAVAV
tRC
—55
70
90
ns
Address to Output Delay
tAVQV
tACC
CE = VIL
OE = VIL
55
70
90
ns
Chip Enable to Output Delay
tELQV
tCE
OE = VIL
55
70
90
ns
Output Enable to Output Delay
tGLQV
tOE
—
30
30
35
ns
Chip Enable to Output High-Z
tEHQZ
tDF
—
15
20
20
ns
Output Enable to Output High-Z
tGHQZ
tDF
—
15
20
20
ns
Output Hold Time From Addresses,
CE or OE, Whichever Occurs First
tAXQX
tOH
—0
0
0
ns
RESET Pin Low to Read Mode
—
tREADY
—
20
20
20
µs
CE or BYTE Switching Low or High
—
tELFL
tELFH
—
5
5
5ns
Test Conditions
CL
5.0 V
Diode = 1N3064
or Equivalent
2.7 k
Ω
Device
Under
Test
Diode = 1N3064
or Equivalent
6.2 k
Ω
Notes:
• CL = 30 pF including jig capacitance (MBM29F400TC/BC-55)
• CL = 100 pF including jig capacitance (MBM29F400TC/BC-70/90)
*2: Test Conditions:
Output Load: 1 TTL gate and 100 pF
Input rise and fall times: 5 ns
Input pulse levels: 0.45 V or 2.4 V
Timing measurement reference level
Input: 0.8 V and 2.0 V
Output: 0.8 V and 2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com