Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LHC-024S070RSP Datasheet(PDF) 1 Page - Inventronics Inc.

Part # LHC-024S070RSP
Description  24W Constant Current Indoor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

LHC-024S070RSP Datasheet(HTML) 1 Page - Inventronics Inc.

  LHC-024S070RSP Datasheet HTML 1Page - Inventronics Inc. LHC-024S070RSP Datasheet HTML 2Page - Inventronics Inc. LHC-024S070RSP Datasheet HTML 3Page - Inventronics Inc. LHC-024S070RSP Datasheet HTML 4Page - Inventronics Inc. LHC-024S070RSP Datasheet HTML 5Page - Inventronics Inc. LHC-024S070RSP Datasheet HTML 6Page - Inventronics Inc. LHC-024S070RSP Datasheet HTML 7Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1 / 7
Specifications are subject to changes without notice.
24W Constant Current Indoor Driver
LHC-024SxxxRSP
Rev. E
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Features
x
Leading Edge and Trailing Edge AC Dimmable
x
Constant Current Output
x
High Efficiency (Up to 84%)
x
Active Power Factor Correction (Up to 0.95)
x
All-Around Protection: OLP,SCP, and No Load Protection
x
SELV Output
Description
The LHC-024SxxxRSP series operates from a 176 ~ 264 Vac input range. They are designed to be highly
efficient and reliable. Features include dimming control with leading edge and trailing edge, open lamp,
short circuit protections.
Model List
Output
Current
Input
Voltage
Range
Output
Voltage
Range
Max.
Output
Power
Typical
Efficiency
(1)
Power
Factor
(1)
Model Number
350 mA
176 ~ 264 Vac
34-68 Vdc
24 W
86%
0.95
LHC-024S035RSP
500 mA
176 ~ 264 Vac
24-48 Vdc
24 W
85%
0.95
LHC-024S050RSP
700 mA
176 ~ 264 Vac
17-34 Vdc
24 W
84%
0.95
LHC-024S070RSP
1050 mA
176 ~ 264 Vac 12-23 Vdc
24W
83%
0.95
LHC-024S105RSP
Note: (1) Measured in 220 Vac input at full load.
Input Specifications
Parameter
Min.
Typ.
Max.
Notes
Input Voltage
176 Vac
-
264 Vac
Input Frequency
-
50 Hz
-
Leakage Current
-
-
0.5 mA
220Vac/50Hz
Input AC Current
-
-
0.2 A
Measured at full load and 220 Vac input.
Inrush Current(I
2t)
-
-
0.002 A
2s
At 220Vac input, 25
cold start, duration = 60 us,
10%Ipk-10%Ipk. See Inrush Current Waveform for
the details.
Power Factor
0.90
-
-
At 176Vac-264Vac, 75%load-100%load (18W~24W)
THD
-
-
20%


Similar Part No. - LHC-024S070RSP

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LHC-028S035RSP INVENTRONICS-LHC-028S035RSP Datasheet
159Kb / 6P
DrivingtheLightingRevolution
Rev. C
LHC-028S050RSP INVENTRONICS-LHC-028S050RSP Datasheet
159Kb / 6P
DrivingtheLightingRevolution
Rev. C
LHC-028S070RSP INVENTRONICS-LHC-028S070RSP Datasheet
159Kb / 6P
DrivingtheLightingRevolution
Rev. C
LHC-028S105RSP INVENTRONICS-LHC-028S105RSP Datasheet
159Kb / 6P
DrivingtheLightingRevolution
Rev. C
LHC-028SXXXRSP INVENTRONICS-LHC-028SXXXRSP Datasheet
159Kb / 6P
DrivingtheLightingRevolution
Rev. C
More results

Similar Description - LHC-024S070RSP

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA015B-350C PHIHONG-PDA015B-350C Datasheet
127Kb / 2P
15W Constant Current LED Driver Power Supply for Indoor Lighting
PDA024A-700S-R PHIHONG-PDA024A-700S-R Datasheet
177Kb / 2P
24W Adapter Style Constant Current LED Driver Wall Plug LED Power Supply
logo
List of Unclassifed Man...
LUC-024SXXXDSP ETC-LUC-024SXXXDSP Datasheet
476Kb / 10P
24W Constant Current IP20 Driver
Rev. G
logo
Inventronics Inc.
LUC-024SXXXDSPSSP INVENTRONICS-LUC-024SXXXDSPSSP Datasheet
529Kb / 11P
24W Constant Current IP20 Driver
Rev. J
LUC-024SXXXDSW INVENTRONICS-LUC-024SXXXDSW Datasheet
339Kb / 9P
24W Constant Current IP20 Driver
Rev. B
LUC-026SXXXDSF INVENTRONICS-LUC-026SXXXDSF Datasheet
325Kb / 8P
26W Constant Current Indoor Driver
Rev. A
LUC-040SXXXDSF INVENTRONICS-LUC-040SXXXDSF Datasheet
924Kb / 8P
40W Constant Current Indoor Driver
Rev. B
LUC-052SXXXDSF INVENTRONICS-LUC-052SXXXDSF Datasheet
954Kb / 8P
52W Constant Current Indoor Driver
Rev. B
LWC-024SXXXSSE INVENTRONICS-LWC-024SXXXSSE Datasheet
188Kb / 8P
24W Constant Current IP20 Driver
Rev. L
LWC-024SXXXSSP INVENTRONICS-LWC-024SXXXSSP Datasheet
190Kb / 8P
24W Constant Current IP20 Driver
Rev. K
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com