Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF Datasheet(PDF) 2 Page - RFE international

Part # SMF
Description  Surface Mount Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SMF Datasheet(HTML) 2 Page - RFE international

  SMF Datasheet HTML 1Page - RFE international SMF Datasheet HTML 2Page - RFE international SMF Datasheet HTML 3Page - RFE international SMF Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY
MODE
SMF SERIES
F1
0.0167
3000
30000
120000
7” reel
SMF SERIES
F2
0.0167
10000
20000
160000
13” reel
Part Number
Marking
Breakdown Voltage V
BR @I T
Maximum
Reverse
Leakage
IR
(3) @
VRWM ( A)
Working
Peak
Reverse
Voltage
VRWM (V)
Maximum
Reverse
Surge
Current
IPP
(2) (A)
Maximum
Clamping
Voltage
Vc @ I PP
(V)
Uni
Bi
Uni
Bi
Min(V)
Max (V)
IT
(1) (mA)
SMF5.0A
SMF5.0CA
5.0A
5.0CA
6.40
7.07
10
400.0
5.0
21.74
9.2
SMF6.0A
SMF6.0CA
6.0A
6.0CA
6.67
7.37
10
400.0
6.0
19.42
10.3
SMF6.5A
SMF6.5CA
6.5A
6.5CA
7.22
7.98
10
250.0
6.5
17.86
11.2
SMF7.0A
SMF7.0CA
7.0A
7.0CA
7.78
8.60
10
100.0
7.0
16.67
12.0
SMF7.5A
SMF7.5CA
7.5A
7.5CA
8.33
9.21
1
50.0
7.5
15.50
12.9
SMF8.0A
SMF8.0CA
8.0A
8.0CA
8.89
9.83
1
25.0
8.0
14.71
13.6
SMF8.5A
SMF8.5CA
8.5A
8.5CA
9.44
10.40
1
10.0
8.5
13.89
14.4
SMF9.0A
SMF9.0CA
9.0A
9.0CA
10.00
11.10
1
5.0
9.0
12.99
15.4
SMF10A
SMF10CA
10A
10CA
11.10
12.30
1
2.5
10.0
11.76
17.0
SMF11A
SMF11CA
11A
11CA
12.20
13.50
1
2.5
11.0
10.99
18.2
SMF12A
SMF12CA
12A
12CA
13.30
14.70
1
2.5
12.0
10.05
19.9
SMF13A
SMF13CA
13A
13CA
14.40
15.90
1
1.0
13.0
9.30
21.5
SMF14A
SMF14CA
14A
14CA
15.60
17.20
1
1.0
14.0
8.62
23.2
SMF15A
SMF15CA
15A
15CA
16.70
18.50
1
1.0
15.0
8.20
24.4
SMF16A
SMF16CA
16A
16CA
17.80
19.70
1
1.0
16.0
7.69
26.0
SMF17A
SMF17CA
17A
17CA
18.90
20.90
1
1.0
17.0
7.25
27.6
SMF18A
SMF18CA
18A
18CA
20.00
22.10
1
1.0
18.0
6.85
29.2
SMF19A
SMF19CA
19A
19CA
21.10
23.30
1
1.0
19.0
6.54
30.6
SMF20A
SMF20CA
20A
20CA
22.20
24.50
1
1.0
20.0
6.17
32.4
SMF22A
SMF22CA
22A
22CA
24.40
26.90
1
1.0
22.0
5.63
35.5
SMF24A
SMF24CA
24A
24CA
26.70
29.50
1
1.0
24.0
5.14
38.9
SMF26A
SMF26CA
26A
26CA
28.90
31.90
1
1.0
26.0
4.75
42.1
SMF28A
SMF28CA
28A
28CA
31.10
34.40
1
1.0
28.0
4.41
45.4
SMF30A
SMF30CA
30A
30CA
33.30
36.80
1
1.0
30.0
4.13
48.4
SMF33A
SMF33CA
33A
33CA
36.70
40.60
1
1.0
33.0
3.75
53.3
SMF36A
SMF36CA
36A
36CA
40.00
44.20
1
1.0
36.0
3.44
58.1
SMF40A
SMF40CA
40A
40CA
44.40
49.10
1
1.0
40.0
3.10
64.5
SMF43A
SMF43CA
43A
43CA
47.80
52.80
1
1.0
43.0
2.88
69.4
SMF45A
SMF45CA
45A
45CA
50.00
55.30
1
1.0
45.0
2.75
72.7
SMF48A
SMF48CA
48A
48CA
53.30
58.90
1
1.0
48.0
2.58
77.4
SMF51A
SMF51CA
51A
51CA
56.70
62.70
1
1.0
51.0
2.43
82.4
SMF54A
SMF54CA
54A
54CA
60.00
66.30
1
1.0
54.0
2.30
87.1
SMF58A
SMF58CA
58A
58CA
64.40
71.20
1
1.0
58.0
2.14
93.6
Surface Mount Transient Voltage Suppressor
SMF Series
SOD-123FL
Page 2 of 4
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
ELECTRICAL CHARACTERISTICS (Ta=25 Unless otherwise specified
PACKAGING INFORMATION
11-07-2022



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com