Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CWM Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # CWM
Description  ConstanT Wattage Heat Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

CWM Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  CWM Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
48
Constant Wattage Heat Cable
U
Constant output
U
Cut to any length
U
lower Installation Costs
U
Flexible
OMEGALUX® CWM (constant
wattage medium temperature)
heating cable is ideal for pipe
tracing situations that require
higher temperatures for process
maintenance as well as freeze
protection. No matter what length
of cable is needed, the wattage
(or heat) produced by each foot of
cable remains unchanged.
sPeCIFICatIons
Wattage:
4, 8, 10 and 12 W/ft
Power:
120V, 240V and 480V
bus Wires:
12 AWG copper
bus Wire Insulation: Each bus
wire is insulated with an
11 mil FEP jacket.
approximate Cable size:
8 x 5 mm (5⁄16 x 1⁄5");
CT only: 26 x 6 mm (11⁄32 x 1⁄4")
Minimum bend Radius:
6 times minor diameter
Caution and Warning!
Fire and electrical shock may result if
products are used improperly or installed
or used by non-qualified personnel. See
inside back cover for additional warnings.
CWM series
To Order
FeP overcoat (-Ct)
output
tinned Copper braid (-C)
and tinned Copper overbraid
Max
Weight
Weight
Module
Circuit
Watts/
Model
kg (lb)/
Model
kg (lb)/
length
length
Foot Volts
number
1000'
number
1000'
mm (in )
m (ft)
4
120
CWM4-1C
43.5 (96)
CWM4-1Ct
49.9 (110)
457 (18)
106.6 (350)
4
240
CWM4-2C
43.5 (96)
CWM4-2Ct
49.9 (110)
762 (30)
213.3 (700)
8
120
CWM8-1C
43.5 (96)
CWM8-1Ct
49.9 (110)
457 (18)
74.6 (245)
8
240
CWM8-2C
43.5 (96)
CWM8-2Ct
49.9 (110)
610 (24)
144.7 (475)
12
120
CWM12-1C
43.5 (96)
CWM12-1Ct
49.9 (110)
305 (12)
60.9 (200)
12
240
CWM12-2C
43.5 (96)
CWM12-2Ct
49.9 (110)
610 (24)
121.9 (400)
12
480
CWM12-4C
43.5 (96)
CWM12-4Ct
49.9 (110)
762 (30)
243.8 (800)
Minimum length of heating cable is 25 ft. Visit us online for heat cable accessories and controls.
Ordering Example: CWM12-1C, 120 Vac heating cable, 12 W/ft, 100-ft length.
Standard Construction
A. Bus Wires. Twin 12 AWG copper bus wires provide reliable, consistent
electrical current.
B. Bus Wire Insulation. 11 mil FEP jacket protects and electrically insulates bus wires.
C. Inner Sheath. This insulation jacket holds the 2 bus wires together and provides
the wrapping surface for the nichrome heating wire.
D. Nichrome Wire. The nichrome resistance heating wire is the heating component
of the cable.
E. Jacket. Flame-retardant insulation jacket is made from FEP material,
which protects heating cable and ensures long service life. This material is also
highly corrosion resistant.
F. Metal Braid. Plated copper braid covering the jacket provides a positive ground path.
G. Optional Fluoropolymer Overjacket. FEP jacket provides protection from most
aqueous and chemically corrosive solutions. Add suffix “-CT” to model number.
ARTWORK/PRODUCT ART/HEATERS/H-CWM/E ARTWORK
F
e
D
C
b
a
g
Maximum Intermittent exposure
temperature/Power-off: 200/392°C
steam Cleaning: CWM can withstand
200°C (392°F), 150 psig steam purging
of process piping when not energized
third-Party approvals:
Visit us online
Circuit breaker selection:
To determine the circuit breaker size
required, divide the W/ft (at operating
voltage) by the operating voltage;
multiply the result times the total
installed cable length in feet; multiply
this result times 1.2 to get the minimum
circuit breaker size
FM
APPROVED


Similar Part No. - CWM

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
CWM-10-6GSQ MERRIMAC-CWM-10-6GSQ Datasheet
130Kb / 1P
DIRECTIONAL COUPLERS
CWM-10-8GSQ MERRIMAC-CWM-10-8GSQ Datasheet
154Kb / 1P
DIRECTIONAL COUPLERS
CWM-10M-10G MERRIMAC-CWM-10M-10G Datasheet
111Kb / 2P
DIRECTIONAL COUPLERS
CWM-10M-11G MERRIMAC-CWM-10M-11G Datasheet
111Kb / 2P
DIRECTIONAL COUPLERS
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
DIRECTIONAL COUPLERS
More results

Similar Description - CWM

ManufacturerPart #DatasheetDescription
logo
Reed Relays and Electro...
HW-5052-L RRE-HW-5052-L Datasheet
89Kb / 1P
High Wattage Reed Switch
logo
Everlight Electronics C...
EHP-A22-GT01H EVERLIGHT-EHP-A22-GT01H Datasheet
636Kb / 24P
High Wattage Replacement Bulb
EHP-A22-KM01H-PU5-27K EVERLIGHT-EHP-A22-KM01H-PU5-27K Datasheet
636Kb / 24P
High Wattage Replacement Bulb
EHP-A22-KM01H-PU5-30K EVERLIGHT-EHP-A22-KM01H-PU5-30K Datasheet
636Kb / 24P
High Wattage Replacement Bulb
EHP-A22-KM01H-PU5-35K EVERLIGHT-EHP-A22-KM01H-PU5-35K Datasheet
636Kb / 24P
High Wattage Replacement Bulb
EHP-A22-KM01H-PU5-40K EVERLIGHT-EHP-A22-KM01H-PU5-40K Datasheet
636Kb / 24P
High Wattage Replacement Bulb
EHP-A22-KM01H-PU5-45K EVERLIGHT-EHP-A22-KM01H-PU5-45K Datasheet
636Kb / 24P
High Wattage Replacement Bulb
logo
Ohmite Mfg. Co.
RES-SURFMOUNT OHMITE-RES-SURFMOUNT Datasheet
331Kb / 4P
Twelve wattage ratings
logo
List of Unclassifed Man...
SFE-LEA ETC2-SFE-LEA Datasheet
403Kb / 8P
MAX OUTPUT WATTAGE
logo
Omega Engineering, Inc.
FE3-120B OMEGA-FE3-120B Datasheet
228Kb / 1P
medium temperature constant wattage heating cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com