Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQZ Datasheet(PDF) 2 Page - RFE international

Part # SQZ
Description  CEMENT BOX POWER RESISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SQZ Datasheet(HTML) 2 Page - RFE international

  SQZ Datasheet HTML 1Page - RFE international SQZ Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RoHS
Page 2 of 2
NOTE: All Specifications subject to change without notice.
POWER DERATING CURVE
-55
70
155
-40
0
40
80
120
160
200
240
280
0
20
40
60
80
100
Cement Wire Wound Resistor
Ambient Temperature (°C)
-30
70
155
-40
0
40
80
120
160
200
240
280
0
20
40
60
80
100
Ambient Temperature (°C)
Cement Metal Oxide Resistor
ELECTRICAL CHARACTERISTICS
Rated continuous Working Voltage (RCWV) =
VALUE
RESISTANCE
RATING
POWER
.
*
.
.
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
Test Items
Method
Wire Wound
Metal Oxide
Short Time Overload
JIS-C-5202 5.5
10 times RCWV for 5 seconds
±(2%+0.05Ω)
±(0.25%+0.05Ω)
Temperature Coefficient
Resistance value at room termperature
and room termperature +100°C
±400ppm
±200ppm
Load Life
JIS-C-5202 7.10
70°C at RCWV for 1000hrs (1.5hrs on;
0.5hrs off)
±(5%+0.05Ω)
±(1.5%+0.05Ω)
Load Life in Humidity
JIS-C-5202 7.9
40 ± 2°C, 90~95% RH at RCWV for 1000 hrs
(1.5hrs on ; 0.5hr off)
±(5%+0.05Ω)
±(1.5%+0.05Ω)
Solder Ability
JIS-C-5202 6.5
235 ± 5°C for 2 ± 0.5 seconds
95% min.
Coverage
95% min.
Coverage
JIS-C-5202 5.8
Max. 1500V
Max. 1500V
4 times RCWV for 10,000 cycles
(1 sec. on; 25 secs. Off)
±(1%+0.05Ω)
±(1%+0.05Ω)
Dielectric Withstanding
Voltage
Max. 1000V
Max. 1000V
Pulse Overload
C2CB04
2019.12.31
CEMENT BOX POWER RESISTORS
(M)SQZ Series: Snap In Radial Leaded



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com