Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8277 Datasheet(PDF) 21 Page - Analog Devices

Part # LT8277
Description  Multiphase Current Mode Step-Up DC/DC Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8277 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8277 Datasheet HTML 17Page - Analog Devices LT8277 Datasheet HTML 18Page - Analog Devices LT8277 Datasheet HTML 19Page - Analog Devices LT8277 Datasheet HTML 20Page - Analog Devices LT8277 Datasheet HTML 21Page - Analog Devices LT8277 Datasheet HTML 22Page - Analog Devices LT8277 Datasheet HTML 23Page - Analog Devices LT8277 Datasheet HTML 24Page - Analog Devices LT8277 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Data Sheet
LT8277
analog.com
Rev 0
21 of 31
Using ENABLE
For simple on/off functionality, drive the ENABLE pin with a logic signal using VIL= 0.4V and VIH = 1.4V. To create an
accurate input undervoltage lockout (UVLO), connect the ENABLE pin to the center of a resistive voltage divider from
the input voltage to ground. When the voltage at ENABLE falls below VENABLE_FALLING, the part will shut down. While the
part is shut down, the supply current is significantly reduced, and switching stops. A small current is drawn into the
ENABLE pin in the off state to enable programmable hysteresis, as shown in Figure 33.
Figure 33. Resistor Network for Accurate UVLO
������������������������������������������,������������������������������������������ = 1.26 ∙ (1 +
������1
������2
)
(9)
������������������������������������������,������������������������������������ = 1.32 ∙ (1 +
������1
������2
) + 2.5µ������ ∙ ������1
(10)
Multichip Operation
Each LT8277 controls two phases of a power converter that are interleaved 180° apart. Note that the two phases are
not independent channels; they both provide current to the same output node and, within the specified matching
limits, contribute the same current to the load.
The upper and lower limits of the VC pin range are well controlled, allowing multiple LT8277 devices to share a single
compensation network. This allows additional phases to be included, each contributing the same current as in the
2-phase case. A set of small, 100pF or so, capacitors placed locally for each IC in the system between VC and ground
can improve phase-to-phase peak current matching.
To ensure appropriate phase separation, use the CLKOUT pin of one LT8277 to drive the SYNC/SPRD input of a
subsequent device, as shown in Figure 34. Be sure to configure the SPI interface to enable CLKOUT and select the
appropriate phase angle. For a 4-phase operation, choose 90°, and for an 8-phase operation, choose 45°. All phases
must receive the same SPI command and monitor the same output voltage. For 4-phase and 8-phase operation, the
SYNC/SPRD pin for the first chip in the line acts as the external synchronization and internal SSFM control pin for the
system.
Multiphase operation relaxes input and output capacitance requirements for a given switching frequency and ripple
voltage. In addition, for high-power applications, having multiple power devices can aid in thermal management
and reduce EMI compared to a single-phase case. See the component selection guides for details about multiphase
component selection.
Multiphase operation can degrade light-load efficiency and lead to pulse skipping earlier than the single-phase case.
To address this, when the voltage at VC falls below where it would set peak inductor current around 1/8 of the
programmed current limit, LT8277 will shut down its second phase. The second phase will resume operation when
the voltage at VC exceeds the point where it will set peak inductor current around 1/4 of the programmed current
limit. The SPI interface provides a bit to force the second phase to continue operating at light load. This does not
prevent pulse skipping at a very light load for either phase.
VIN
R1
R2
LT8277
ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com