Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4712 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM4712
Description  36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4712 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM4712 Datasheet HTML 9Page - Analog Devices LTM4712 Datasheet HTML 10Page - Analog Devices LTM4712 Datasheet HTML 11Page - Analog Devices LTM4712 Datasheet HTML 12Page - Analog Devices LTM4712 Datasheet HTML 13Page - Analog Devices LTM4712 Datasheet HTML 14Page - Analog Devices LTM4712 Datasheet HTML 15Page - Analog Devices LTM4712 Datasheet HTML 16Page - Analog Devices LTM4712 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTM4712
13
Rev. 0
For more information www.analog.com
• Tie all SS pins together
• Tie all RUN pins together
• Tie all converter inputs together
• Tie all converter outputs together
• Route one IC’s CLKOUT to another IC’s SYNC pin
Refer to the Figure 24 section for an example of a 2-phase
parallel operation design.
The LTM4712 can also be paralleled from different input
voltages for a redundancy design. Do not tie SS and RUN
pins of the LTM4712s together so each LTM4712 can
start up with different input voltages to supply current
to a single output. Any one input voltage failure does
not affect the output voltage regulation as long as the
other input sources supply enough load current. The peak
inductor currents are shared among all the buck-boost
converters by tying all the COMP pins together. In the
redundancy design, it is suggested that each LTM4712
has its own compensation network and feedback resistor
locally closed to the pin and then short the FB pins and
COMP pins all together with PCB traces.
Thermal Considerations and Output Current Derating
The thermal resistances reported in the Pin Configuration
section are consistent with those parameters defined by
JESD 51-9 and are intended for use with finite element anal-
ysis (FEA) software modeling tools that leverage the outcome
of thermal modeling, simulation, and correlation to hardware
evaluation performed on a μModule package mounted to a
hardware test board—also defined by JESD 51-9 (“Test
Boards for Area Array Surface Mount Package Thermal
Measurements”). The motivation for providing these thermal
coefficients is found in JESD 51-12 (“Guidelines for Reporting
and Using Electronic Package Thermal Information”).
Many designers may opt to use laboratory equipment and
a test vehicle such as the demo board to anticipate the
μModule regulator’s thermal performance in their appli-
cation at various electrical and environmental operating
conditions to compliment any FEA activities. Without
FEA software, the thermal resistances reported in the
Pin Configuration section are not relevant to providing
guidance of thermal performance; instead, the derating
APPLICATIONS INFORMATION
curves provided in the data sheet can be used in a manner
that yields insight and guidance pertaining to application
usage and can be adapted to correlate thermal perfor-
mance to application itself.
The Pin Configuration section typically gives four thermal
coefficients explicitly defined in JESD 51-12; these coef-
ficients are quoted or paraphrased below:
1. θJA, the thermal resistance from junction to ambient, is
the natural convection junction-to-ambient air thermal
resistance measured in a one cubic foot sealed enclo-
sure. This environment is sometimes referred to as “still
air” although natural convection causes the air to move.
This value is determined with the part mounted to a
JESD 51-9 defined test board, which does not reflect
an actual application or viable operating condition.
2. θJCbottom, the thermal resistance from junction to the
bottom of the product case, is the junction-to-board
thermal resistance with all of the component power
dissipation flowing through the bottom of the package.
In the typical μModule, the bulk of the heat flows out
the bottom of the package, but there is always heat
flow out into the ambient environment. As a result, this
thermal resistance value may be useful for compar-
ing packages, but the test conditions do not generally
match the application.
3. θJCtop, the thermal resistance from junction to top of
the product case, is determined with nearly all of the
component power dissipation flowing through the top
of the package. As the electrical connections of the
typical μModule are on the bottom of the package, it
is rare for an application to operate such that most of
the heat flows from the junction to the top of the part.
As in the case of θJCbottom, this value may be useful
for comparing packages, but the test conditions do not
generally match the application.
4. θJB, the thermal resistance from junction to the printed
circuit board, is the junction-to-board thermal resis-
tance where almost all of the heat flows through the
bottom of the μModule and into the board and is really
the sum of the θJCbottom and the thermal resistance of
the bottom of the part through the solder joints and
through a portion of the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com