Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDV301N Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # FDV301N
Description  Load Switch for Portable Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

FDV301N Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  FDV301N Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. FDV301N Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. FDV301N Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. FDV301N Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. FDV301N Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. FDV301N Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. FDV301N Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APPLICATIONS
DC/DC Converters
Load Switch for Portable Applications
G
S
D
Top View
2
3
SOT-23
1
Notes:
a. Package limited
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 125 °C/W.
e. Based on TC = 25 °C.
ABSOLUTE MAXIMUM RATINGS
TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
6a
A
TC = 70 °C
5.1
TA = 25 °C
5b, c
TA = 70 °C
4b, c
Pulsed Drain Current
IDM
20
Continuous Source-Drain Diode Current
TC = 25 °C
IS
1.75
TA = 25 °C
1.04b, c
Maximum Power Dissipation
TC = 25 °C
PD
2.1
W
TC = 70 °C
1.3
TA = 25 °C
1.25b, c
TA = 70 °C
0.8b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 5 s
RthJA
80
100
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
40
60
UMW R
FDV301N
SOT–23
1. GATE
2. SOURCE
3. DRAIN
8
www.umw-ic.com
1
UTD Semiconductor Co.,Limited
FEATURES
VDS (V) = 20V
ID = 6 A (VGS = 10V)
RDS(ON)
28m (VGS = 4.5V)
RDS(ON)
42m (VGS = 2.5V)
RDS(ON)
50m (VGS = 1.8V)


Similar Part No. - FDV301N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDV301N FAIRCHILD-FDV301N Datasheet
97Kb / 5P
Digital FET , N-Channel
logo
Guangdong Kexin Industr...
FDV301N KEXIN-FDV301N Datasheet
1Mb / 4P
N-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
FDV301N EVVOSEMI-FDV301N Datasheet
306Kb / 7P
MOSFET
Rev:2023A2
logo
ON Semiconductor
FDV301N ONSEMI-FDV301N Datasheet
281Kb / 7P
Digital FET , N-Channel
June 2009 Rev.F1
logo
VBsemi Electronics Co.,...
FDV301N-NL VBSEMI-FDV301N-NL Datasheet
1Mb / 9P
N-Channel 20 V (D-S) MOSFET
More results

Similar Description - FDV301N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6E01TU TOSHIBA-SSM6E01TU Datasheet
179Kb / 9P
Load Switch Applications
SSM6E01TU TOSHIBA-SSM6E01TU_07 Datasheet
182Kb / 8P
Load Switch Applications
logo
Sanyo Semicon Device
CPH6153 SANYO-CPH6153 Datasheet
248Kb / 4P
Load Switch Applications
logo
Rohm
BD2200GUL ROHM-BD2200GUL_11 Datasheet
383Kb / 10P
Load Switch ICs for Portable Equipment
BD2202G ROHM-BD2202G_11 Datasheet
469Kb / 13P
Load Switch ICs for Portable Equipment
BD6520F ROHM-BD6520F_11 Datasheet
422Kb / 17P
Load Switch ICs for Portable Equipment
BD6524HFV ROHM-BD6524HFV_11 Datasheet
392Kb / 10P
Load Switch IC for Portable Equipment
BD6528HFV ROHM-BD6528HFV_11 Datasheet
316Kb / 12P
Load Switch ICs for Portable Equipment
BD2202G-LB ROHM-BD2202G-LB Datasheet
542Kb / 25P
Load Switch ICs for Portable Equipment
logo
Shenzhen Huazhimei Semi...
HM5801 HMSEMI-HM5801 Datasheet
2Mb / 19P
PMU for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com