Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESV-150S024ST Datasheet(PDF) 2 Page - Inventronics Inc.

Part # ESV-150S024ST
Description  150W Constant Voltage IP67 Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESV-150S024ST Datasheet(HTML) 2 Page - Inventronics Inc.

  ESV-150S024ST Datasheet HTML 1Page - Inventronics Inc. ESV-150S024ST Datasheet HTML 2Page - Inventronics Inc. ESV-150S024ST Datasheet HTML 3Page - Inventronics Inc. ESV-150S024ST Datasheet HTML 4Page - Inventronics Inc. ESV-150S024ST Datasheet HTML 5Page - Inventronics Inc. ESV-150S024ST Datasheet HTML 6Page - Inventronics Inc. ESV-150S024ST Datasheet HTML 7Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2 / 7
Specifications are subject to changes without notice.
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
150W Constant Voltage IP67 Driver
ESV-150SxxxST
Rev. C
Output Specifications
Parameter
Min.
Typ.
Max.
Notes
Output Voltage Tolerance
-2.5%Vo
-
2.5%Vo
At 100% load condition
Output Voltage Ripple
(pk-pk)
-
-
2% VO
At 100% load condition, 20 MHz BW
Startup Overshoot Voltage
-
-
5% Vo
At 100% load condition
Line Regulation
-
-
0.5%
Measured at 100% load
Load Regulation
-
-
1.0%
Turn-on Delay Time
-
0.5 s
1.0 s
Measured at 100% load, 277Vac and 480Vac inp
ut
Temperature Coefficient
-
0.03%/
qC
-
Case temperature = 0
qC ~Tc max
Note: All specifications are typical at 25
qC unless otherwise stated.
General Specifications
Parameter
Min.
Typ.
Max.
Notes
Efficiency at 277 Vac input:
ESV-150S012ST
ESV-150S024ST
ESV-150S036ST
ESV-150S042ST
ESV-150S048ST
89.0%
90.5%
91.5%
90.5%
91.0%
91.0%
92.5%
93.5%
92.5%
93.0%
-
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
qC ambient;
(Efficiency will be about 2.0% lower if measured
immediately after startup.)
Efficiency at 347 Vac input:
ESV-150S012ST
ESV-150S024ST
ESV-150S036ST
ESV-150S042ST
ESV-150S048ST
89.0%
91.0%
92.0%
91.0%
91.5%
91.0%
93.0%
94.0%
93.0%
93.5%
-
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
qC ambient;
(Efficiency will be about 2.0% lower if measured
immediately after startup.)
Efficiency at 480 Vac input:
ESV-150S012ST
ESV-150S024ST
ESV-150S036ST
ESV-150S042ST
ESV-150S048ST
89.5%
91.0%
92.5%
91.5%
92.0%
91.5%
93.0%
94.5%
93.5%
94.0%
-
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
qC ambient;
(Efficiency will be about 2.0% lower if measured
immediately after startup.)
MTBF
-
375,000
Hours
-
Measured at 480Vac input, 80%Load and 25
qC
ambient temperature (MIL-HDBK-217F)
Lifetime
-
104,000
Hours
-
Measured at 480Vac input, 80%Load and 70
qC
case temperature; See lifetime vs. Tc curve for
the details
Operating Case
Temperature for Safety
Tc_s
-40°C
-
+90
qC
Operating Case
Temperature for Warranty
Tc_w
-40°C
-
+80
qC
Storage Temperature
-40°C
-
+85°C
Humidity: 5%RH to 100%RH
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
8.70 × 2.66 × 1.56
221 × 67.5 × 39.7
With mounting ear
9.53 × 2.66 × 1.56
242 × 67.5 × 39.7
Net Weight
-
1270 g
-
Note: All specifications are typical at 25
qC unless otherwise stated.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com