Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM1200 Datasheet(PDF) 2 Page - Mimix Broadband

Part # CMM1200
Description  2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM1200 Datasheet(HTML) 2 Page - Mimix Broadband

  CMM1200 Datasheet HTML 1Page - Mimix Broadband CMM1200 Datasheet HTML 2Page - Mimix Broadband CMM1200 Datasheet HTML 3Page - Mimix Broadband CMM1200 Datasheet HTML 4Page - Mimix Broadband CMM1200 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2.0-6.0 GHz GaAs MMIC
Low Noise Amplifier
Page 2 of 5
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM1200
August 2006 - Rev 02-Aug-06
Typical On-Wafer Scattering Parameters (Vd = +5.0V, Icc = 101 mA, T = 23°C, device in a 50 ohm system)
Frequency
S11
S21
S12
S22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
0.10
0.813
-0.57
0.001
0.00
0.000
0.00
0.970
-0.23
1.00
-0.461
0.50
-1.411
-3.07
0.004
0.00
-0.474
-0.44
1.90
0.060
0.07
1.612
7.22
-0.001
0.00
-0.245
-0.03
2.20
0.041
-0.01
5.064
6.32
0.000
0.00
-0.192
0.04
2.50
0.008
-0.05
7.462
3.94
-0.001
0.00
-0.127
0.04
3.40
-0.021
-0.09
7.667
-3.82
0.000
0.00
-0.077
0.00
3.70
-0.023
-0.10
6.413
-5.62
0.001
0.00
-0.074
-0.01
4.00
-0.027
-0.13
4.857
-6.95
0.002
0.00
-0.075
-0.02
4.90
-0.059
-0.20
-0.337
-8.14
0.003
0.00
-0.092
-0.03
5.20
-0.085
-0.22
-1.893
-7.81
0.003
0.00
-0.099
-0.03
5.50
-0.111
-0.24
-3.305
-7.21
0.004
0.00
-0.106
-0.03
5.80
-0.140
-0.26
-4.492
-6.28
0.004
0.00
-0.117
-0.03
6.10
-0.179
-0.26
-5.314
-5.42
0.005
0.00
-0.126
-0.01
7.00
-0.267
-0.25
-7.084
-2.16
0.005
0.00
-0.128
0.02
7.90
-0.338
-0.20
-7.165
1.27
0.004
0.00
-0.117
0.05
8.20
-0.355
-0.18
-6.874
2.35
0.004
0.00
-0.109
0.06
8.50
-0.368
-0.16
-6.436
3.37
0.004
0.00
-0.100
0.07
9.10
-0.387
-0.11
-5.152
5.20
0.003
-0.01
-0.077
0.08
10.00
-0.395
-0.06
-2.289
7.12
0.001
-0.01
-0.036
0.09
10.90
-0.392
-0.01
1.328
7.55
0.000
-0.01
0.000
0.07
12.10
-0.394
0.05
5.852
5.16
-0.004
-0.01
0.027
0.02
13.00
-0.394
0.12
7.603
1.63
-0.007
-0.01
0.024
-0.02
13.90
-0.368
0.21
7.341
-2.28
-0.009
0.00
0.002
-0.04
14.50
-0.324
0.28
6.104
-4.58
-0.009
0.00
-0.016
-0.05
15.10
-0.253
0.34
4.167
-6.32
-0.010
0.00
-0.033
-0.04
16.00
-0.101
0.39
0.436
-7.50
-0.010
0.00
-0.053
-0.03
17.20
0.125
0.35
-4.701
-5.86
-0.006
0.01
-0.072
0.00
18.10
0.262
0.25
-7.183
-2.26
-0.003
0.01
-0.065
0.04
19.00
0.369
0.13
-7.082
2.49
0.003
0.01
-0.021
0.09
20.20
0.501
-0.10
-1.719
6.64
0.010
0.01
0.117
0.07
21.10
0.481
-0.36
2.707
4.90
0.012
0.00
0.152
-0.06
22.00
0.348
-0.53
4.002
1.55
0.008
-0.01
0.080
-0.14
23.20
0.198
-0.65
2.532
-1.66
0.000
-0.01
-0.012
-0.12
24.10
0.078
-0.78
0.354
-2.02
-0.005
-0.01
-0.019
-0.09
25.00
-0.150
-0.85
-0.597
-0.90
-0.006
0.00
-0.022
-0.09
26.20
-0.437
-0.73
-0.379
-0.17
-0.006
0.00
-0.033
-0.07
26.80
-0.537
-0.60
-0.265
-0.05
-0.004
0.00
-0.033
-0.07
28.00
-0.204
-0.39
-0.136
-0.02
-0.002
0.00
-0.028
-0.05
29.20
-0.466
-0.67
-0.076
0.03
-0.003
0.00
-0.011
-0.04
30.10
-0.637
-0.58
-0.040
0.03
-0.001
0.00
0.011
-0.04
S-Parameter Data Files are available on-line at: www.mimixbroadband.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com