Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5230FE Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA5230FE
Description  Low voltage operational amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5230FE Datasheet(HTML) 3 Page - NXP Semiconductors

  SA5230FE Datasheet HTML 1Page - NXP Semiconductors SA5230FE Datasheet HTML 2Page - NXP Semiconductors SA5230FE Datasheet HTML 3Page - NXP Semiconductors SA5230FE Datasheet HTML 4Page - NXP Semiconductors SA5230FE Datasheet HTML 5Page - NXP Semiconductors SA5230FE Datasheet HTML 6Page - NXP Semiconductors SA5230FE Datasheet HTML 7Page - NXP Semiconductors SA5230FE Datasheet HTML 8Page - NXP Semiconductors SA5230FE Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Philips Semiconductors
Product specification
NE/SA5230
Low voltage operational amplifier
1994 Aug 31
3
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VCC
Single supply voltage
18
V
VS
Dual supply voltage
±9
V
VIN
Input voltage1
±9 (18)
V
Differential input voltage1
±VS
V
VCM
Common-mode voltage (positive)
VCC+0.5
V
VCM
Common-mode voltage (negative)
VEE-0.5
V
PD
Power dissipation2
500
mW
TJ
Operating junction temperature2
150
°C
80Output short-circuit duration to either power supply pin2, 3
Indefinite
s
TSTG
Storage temperature
-65 to 150
°C
TSOLD
Lead soldering temperature (10sec max)
300
°C
NOTES:
1. Can exceed the supply voltages when VS ≤±7.5V (15V).
2. The maximum operating junction temperature is 150
°C. At elevated temperatures, devices must be derated according to the package ther-
mal resistance and device mounting conditions. Derate above 25
°C at the following rates:
FE package at 6.7mW/
°C
N package at 9.5mW/
°C
D package at 6.25mW/
°C
3. Momentary shorts to either supply are permitted in accordance to transient thermal impedance limitations determined by the package and
device mounting conditions.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
RATING
UNIT
Single supply voltage
1.8 to 15
V
Dual supply voltage
±0.9 to ±7.5
V
Common-mode voltage (positive)
VCC+0.25
V
Common-mode voltage (negative)
VEE-0.25
V
Temperature
NE grade
0 to 70
°C
SA grade
-40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com