Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM6004-SC Datasheet(PDF) 6 Page - Mimix Broadband

Part # CMM6004-SC
Description  0.25-3.0 GHz High Dynamic Range Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM6004-SC Datasheet(HTML) 6 Page - Mimix Broadband

Back Button CMM6004-SC Datasheet HTML 2Page - Mimix Broadband CMM6004-SC Datasheet HTML 3Page - Mimix Broadband CMM6004-SC Datasheet HTML 4Page - Mimix Broadband CMM6004-SC Datasheet HTML 5Page - Mimix Broadband CMM6004-SC Datasheet HTML 6Page - Mimix Broadband CMM6004-SC Datasheet HTML 7Page - Mimix Broadband CMM6004-SC Datasheet HTML 8Page - Mimix Broadband CMM6004-SC Datasheet HTML 9Page - Mimix Broadband CMM6004-SC Datasheet HTML 10Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
0.25-3.0 GHz
High Dynamic Range Amplifier
Page 6 of 10
Application Circuit - 1900 MHz
CMM6004-SC
Typical Performance (50 Ohm System)
Frequency
1900 MHz
Gain
14.5 dB
Input Return Loss
-15 dB
Output Return Loss
-10 dB
OIP3
41.0 dBm
Noise Figure
2.2 dB
Bias
Vds = 5V, Id = 174 mA
P1dB
23.5 dBm
20
10
0
-10
-20
-30
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency, GHz
S-Parameters vs Frequency
S21
S11
S22
RF
OUT
C3
56 pF
L3
47 nH
Vcc
5V
C2
56 pF
L2
6.8 nH
RF
IN
CMM6004-SC
SOT-89
T = 70 mil
INPUT MATCHING
NETWORK
C1
2.2 pF
T = 70 mil
L1
2.7 nH
T = 80 mil
T = 80 mil
T = 500 mil
Ref Designator
Value
Description
Size
C1
2.2 pF
KOA 2.2pF 50V CER
0603
CAP 0603 NPO ±.25pF
C2, C3
56 pF
MCH185A560JK
0603
L1
2.7 nH
TOKO LL1608-F2N7S
0603
L2
6.8 nH
TOKO LL1608-F6N8K
0603
L3
47 nH
TOKO LL1608-F47NK
0603
MIMIX
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2007 - Rev 15-Jan-07



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com