Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8489IB Datasheet(PDF) 12 Page - Intersil Corporation

Part # ISL8489IB
Description  5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8489IB Datasheet(HTML) 12 Page - Intersil Corporation

Back Button ISL8489IB Datasheet HTML 8Page - Intersil Corporation ISL8489IB Datasheet HTML 9Page - Intersil Corporation ISL8489IB Datasheet HTML 10Page - Intersil Corporation ISL8489IB Datasheet HTML 11Page - Intersil Corporation ISL8489IB Datasheet HTML 12Page - Intersil Corporation ISL8489IB Datasheet HTML 13Page - Intersil Corporation ISL8489IB Datasheet HTML 14Page - Intersil Corporation ISL8489IB Datasheet HTML 15Page - Intersil Corporation ISL8489IB Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
FN6046.8
February 28, 2006
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
518
PROCESS:
Si Gate CMOS
FIGURE 14. DRIVER AND RECEIVER WAVEFORMS,
LOW TO HIGH (ISL8483, ISL8488, ISL8489)
FIGURE 15. DRIVER AND RECEIVER WAVEFORMS,
HIGH TO LOW (ISL8483, ISL8488, ISL8489)
FIGURE 16. DRIVER AND RECEIVER WAVEFORMS,
LOW TO HIGH (ISL8485, ISL8490, ISL8491)
FIGURE 17. DRIVER AND RECEIVER WAVEFORMS,
HIGH TO LOW (ISL8485, ISL8490, ISL8491)
Typical Performance Curves VCC = 5V, TA = 25°C, ISL8483 thru ISL8491; Unless Otherwise Specified (Continued)
TIME (400ns/DIV)
0
3
4
1
2
RDIFF = 54Ω, CL = 100pF
0
5
0
5
DI
RO
A/Y
B/Z
TIME (400ns/DIV)
0
DI
3
4
1
2
0
5
0
5
RDIFF = 54Ω, CL = 100pF
B/Z
A/Y
RO
TIME (10ns/DIV)
0
3
4
1
2
RDIFF = 54Ω, CL = 100pF
DI
A/Y
RO
0
5
0
5
B/Z
TIME (10ns/DIV)
0
DI
RO
3
4
1
2
0
5
0
5
RDIFF = 54Ω, CL = 100pF
B/Z
A/Y
ISL8483, ISL8485, ISL8488, ISL8489, ISL8490, ISL8491



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com