Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XB1009-QT Datasheet(PDF) 2 Page - Mimix Broadband

Part # XB1009-QT
Description  12.0-27.0 GHz GaAs MMIC Buffer Amplifier, QFN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XB1009-QT Datasheet(HTML) 2 Page - Mimix Broadband

  XB1009-QT Datasheet HTML 1Page - Mimix Broadband XB1009-QT Datasheet HTML 2Page - Mimix Broadband XB1009-QT Datasheet HTML 3Page - Mimix Broadband XB1009-QT Datasheet HTML 4Page - Mimix Broadband XB1009-QT Datasheet HTML 5Page - Mimix Broadband XB1009-QT Datasheet HTML 6Page - Mimix Broadband XB1009-QT Datasheet HTML 7Page - Mimix Broadband XB1009-QT Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Buffer Amplifier Measurements
Page 2 of 8
B1009-QT
XB1009-QT Vd1,2=5.0 V, Id1=60 mA, Id2=180 mA
0
2
4
6
8
10
12
14
16
18
20
22
24
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
Frequency (GHz)
+90 Deg C
-40 Deg C
+25 Deg C
XB1009-QT Vd1,2=5.0 V, Id1=60 mA, Id2=180 mA
-80
-70
-60
-50
-40
-30
-20
-10
0
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
Frequency (GHz)
+90 Deg C
-40 Deg C
+25 Deg C
XB1009-QT Vd1,2=5.0 V, Id1=60 mA, Id2=180 mA
16
17
18
19
20
21
22
23
24
25
26
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
Frequency (GHz)
+85 Deg C
-40 Deg C
+25 Deg C
XB1009-QT Vd1,2=5.0 V, Id1=60 mA, Id2=180 mA
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
Frequency (GHz)
+90 Deg C
-40 Deg C
+25 Deg C
*Includes fixture losses
XB1009-QT Vd1,2=5.0 V, Id1=60 mA, Id2=180 mA
-40
-35
-30
-25
-20
-15
-10
-5
0
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
Frequency (GHz)
+90 Dec C
-40 Deg C
+25 Deg C
*Includes fixture losses
XB1009-QT Vd1,2=5.0 V, Id1=60 mA, Id2=180 mA
-25
-20
-15
-10
-5
0
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
Frequency (GHz)
+90 Deg C
-40 Deg C
+25 Deg C
*Includes fixture losses
12.0-27.0 GHz GaAs MMIC
Buffer Amplifier, QFN
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2007 - Rev 08-Feb-07



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com