Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE531FE Datasheet(PDF) 8 Page - NXP Semiconductors

Part # NE531FE
Description  High slew rate operational amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE531FE Datasheet(HTML) 8 Page - NXP Semiconductors

  NE531FE Datasheet HTML 1Page - NXP Semiconductors NE531FE Datasheet HTML 2Page - NXP Semiconductors NE531FE Datasheet HTML 3Page - NXP Semiconductors NE531FE Datasheet HTML 4Page - NXP Semiconductors NE531FE Datasheet HTML 5Page - NXP Semiconductors NE531FE Datasheet HTML 6Page - NXP Semiconductors NE531FE Datasheet HTML 7Page - NXP Semiconductors NE531FE Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SE531
High slew rate operational amplifier
August 31, 1994
77
CYCLIC A-TO-D CONVERTER
One interesting, but much ignored, A/D converter is the cyclic
converter. This consists of a chain of identical stages, each of which
senses the polarity of the input. The stage then subtracts VREF from
the input and doubles the remainder if the polarity was correct. In
Figure 1, the signal is full-wave rectified and the remainder of
VIN-VREF is doubled. A chain of these stages gives the gray code
equivalent of the input voltage in digitized form related to the
magnitude of VREF. Possessing high potential accuracy, the circuit
using NE531 devices settles in 5
µs.
TRIANGLE AND SQUARE WAVE GENERATOR
The circuit in Figure 2 will generate precision triangle and square
waves. The output amplitude of the square wave is set by the output
swing of op amp A-1, and R1/R2 sets the triangle amplitude. The
frequency of oscillation in either case is:
f
+
1
4RC
@
R2
R1
(1)
The square wave will maintain 50% duty cycle even if the amplitude
of the oscillation is not symmetrical.
The use of the NE531 in this circuit will allow good square waves to
be generated to quite high frequencies. Since the amplifier A1 runs
open-loop, there is no need for compensation. The
triangle-generating amplifier must be compensated. The NE5535
device can be used as well, except for the lower frequency
response.
a.
b.
+vcc
10K
LOGIC OUT
NE531
+
–
10K
2K
VREF
NE531
+
–
20K
20K
VOUT
VREF
–VIN
LOGOUT
VIN
VREF
VREF
VIN
0
Figure 1. Cyclic A-to-D Converter



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com