Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM158 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LM158
Description  Low power dual operational amplifi
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM158 Datasheet(HTML) 2 Page - NXP Semiconductors

  LM158 Datasheet HTML 1Page - NXP Semiconductors LM158 Datasheet HTML 2Page - NXP Semiconductors LM158 Datasheet HTML 3Page - NXP Semiconductors LM158 Datasheet HTML 4Page - NXP Semiconductors LM158 Datasheet HTML 5Page - NXP Semiconductors LM158 Datasheet HTML 6Page - NXP Semiconductors LM158 Datasheet HTML 7Page - NXP Semiconductors LM158 Datasheet HTML 8Page - NXP Semiconductors LM158 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product data
NE/SA/SE532/
LM258/358/A/2904
Low power dual operational amplifiers
2
2002 Jul 12
853-1241 28616
DESCRIPTION
The 532/358/LM2904 consists of two independent, high gain,
internally frequency-compensated operational amplifiers internally
frequency-compensated operational amplifiers designed specifically
to operate from a single power supply over a wide range of voltages.
Operation from dual power supplies is also possible, and the low
power supply current drain is independent of the magnitude of the
power supply voltage.
UNIQUE FEATURES
In the linear mode the input common-mode voltage range includes
ground and the output voltage can also swing to includes ground
and the output voltage can also swing to ground, even though
operated from only a single power supply voltage. The unity gain
cross frequency is temperature-compensated. The input bias current
is also temperature-compensated.
FEATURES
• Internally frequency-compensated for unity gain
• Large DC voltage gain: 100 dB
• Wide bandwidth (unity gain): 1 MHz (temperature-compensated)
• Wide power supply range single supply: 3 V
DC to 30 VDC,
or dual supplies:
±1.5 VDC to ±15 VDC
• Very low supply current drain (400 µA)—essentially independent
of supply voltage (1 mW/op amp at +5 VDC)
• Low input biasing current: 45 nA
DC temperature-compensated
• Low input offset voltage: 2 mV
DC, and offset current: 5nADC
• Differential input voltage range equal to the power supply voltage
• Large output voltage: 0 V
DC to V+ 1.5 VDC swing
PIN CONFIGURATION
1
2
3
45
6
7
8
–+
+ –
AB
V+
OUTPUT B
INVERTING INPUT B
NON INVERTING INPUT B
OUTPUT A
INVERTING INPUT A
NON INVERTING INPUT A
V–
D, DP, and N Packages
SL00282
Figure 1. Pin configuration.
EQUIVALENT CIRCUIT
V+
6
µA
100
µA
Q2
Q3
Q1
Q4
INPUTS
+
Q8
Q9
CC
Q10
6
µA
Q5
Q7
Q6
RSC
OUTPUT
Q13
Q12
Q11
50
µA
SL00283
–
Figure 2. Equivalent circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com