Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXYN82N120 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IXYN82N120
Description  High-Speed IGBT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IXYN82N120 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IXYN82N120 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IXYN82N120 Datasheet HTML 2Page - Inchange Semiconductor Company Limited IXYN82N120 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISGM2034
eq IXYN82N120
High-Speed IGBT
www.iscsemi.com
1
DESCRIPTION
· Optimized for Low Switching Losses
· 2500V~ Isolation Voltage
· Positive Thermal Coefficient of Vce(sat)
APPLICATIONS
· Power Inverters
· UPS
· Motor Drives
· SMPS
· PFC Circuits
· Welding Machines
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
1200
V
VGES
Gate-Emitter Voltage
±
20
V
IC
Collector Current-Continuous
@ TC=25℃
120
A
IC
Collector Current-Continuous
@ TC=110℃
66
A
ICM
Pulsed Collector Current@ TC=25℃
380
A
PD
Power Dissipation @TC=25℃
600
W
Tj
Operating Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.25
℃
/W


Similar Part No. - IXYN82N120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYN82N120C3 IXYS-IXYN82N120C3 Datasheet
181Kb / 6P
High-Speed IGBT for 20-50 kHz Switching
logo
Inchange Semiconductor ...
IXYN82N120C3 ISC-IXYN82N120C3 Datasheet
563Kb / 3P
IGBT
logo
IXYS Corporation
IXYN82N120C3H1 IXYS-IXYN82N120C3H1 Datasheet
192Kb / 7P
High-Speed IGBT for 20-50 kHz Switching
logo
Inchange Semiconductor ...
IXYN82N120C3H1 ISC-IXYN82N120C3H1 Datasheet
551Kb / 3P
IGBT
More results

Similar Description - IXYN82N120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSH40N60 IXYS-IXSH40N60 Datasheet
55Kb / 2P
High Speed IGBT
IXSH30N60B IXYS-IXSH30N60B Datasheet
131Kb / 4P
High Speed IGBT
IXSH35N100A IXYS-IXSH35N100A Datasheet
80Kb / 4P
High speed IGBT
IXGH17N100 IXYS-IXGH17N100 Datasheet
69Kb / 2P
Low V IGBT High speed IGBT
IXSH24N60B IXYS-IXSH24N60B Datasheet
107Kb / 2P
High Speed IGBT
IXSP20N60B2D1 IXYS-IXSP20N60B2D1 Datasheet
181Kb / 6P
High Speed IGBT
IXSP24N60B IXYS-IXSP24N60B Datasheet
75Kb / 2P
High Speed IGBT
logo
Vincotech
10-PY124PA080FV-L589F88Y VINCOTECH-10-PY124PA080FV-L589F88Y Datasheet
427Kb / 7P
High speed IGBT
logo
Inchange Semiconductor ...
IXYH40N120 ISC-IXYH40N120 Datasheet
429Kb / 3P
High-Speed IGBT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com