Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSTX404S Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # SSTX404S
Description  NPN General Purpose Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SSTX404S Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  SSTX404S Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SSTX404S Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SSTX404S Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SSTX404S Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Data Sheet N2115, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SSTX404S
TRANSISTOR(Q1)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-base breakdown voltage
VCBO
IC=10μA, IE=0
60
V
Emitter-base breakdown voltage
VEBO
IE=10μA, IC=0
5
V
Collector cutoff current
ICBO
VCB=60V, IE=0
10
nA
Emitter cut-off current
IEBO
VEB=3V,IC=0
10
nA
DC current gain
hFE
hFE(1) IC=0.1mA,VCE=10V*
35
hFE(2) IC=1mA,VCE=10V*
50
hFE(3) IC=10mA,VCE=10V*
75
hFE(4) IC=150mA,VCE=10V*
100
300
hFE(5) IC=500mA,VCE=10V*
40
Collector-emitter saturation voltage
VCE(sat)
IC=150mA,IB=15mA*
IC=500mA,IB=50mA*
0.3
1
V
Base-emitter saturation soltage
VBE(sat)
IC=150mA,IB=15mA*
IC=500mA,IB=50mA*
0.6
1.2
2.0
V
Input Capacitance
Cib
VEB=0.5V,IC=0,f=1.0MHZ
15
pF
* Measured under pulsed conditions, Pulse width < 300 µs, duty cycle < 2%
DIODE(D1)
COMMON
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging
specification.
Electrical Characteristics @TA=25°C unless otherwise specified
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Units
Forward Voltage Drop
VF1
IF=1mA
0.61
V
IF=10mA
0.74
IF=100mA
0.92
1.2
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Units
Output Voltage
VO
IO=1mA, IB=0
40
V
Output Leakage Current
Io(off)
VO=40V, VEB=3V
0.5
uA
Output Capacitance
COb
VR=10V,IE=0,f=1MHZ
6.5
pF
Ordering Information
Device
Package
Shipping
Tape wide
Emboss pitch
SSTX404S
SOT-23
3000 pcs / reel
8mm
4mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com