Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG3KB100 Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # UG3KB100
Description  Single-Phase 3.0A Glass Passivated Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

UG3KB100 Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  UG3KB100 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD UG3KB100 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD UG3KB100 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD UG3KB100 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD UG3KB100 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Data Sheet N1921, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
UG3KB05
THRU
UG3KB100
* Pulse width < 300 µs, duty cycle < 2%
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
Electrical Characteristics:
Type Number
Symbol
UG3K
B05
UG3K
B10
UG3K
B20
UG3K
B40
UG3K
B60
UG3K
B80
UG3K
B100 Units
Forward Voltage (per element) *
@IF =3.0A
VF
1.1
V
Peak Reverse Current *
@TA = 25°C
At Rated DC Blocking Voltage * @TA = 125°C
IR
5.0
500
µA
Typical Junction Capacitance(per leg) (Note 1)
CJ
21
pF
Thermal-Mechanical Specifications:
Type Number
Symbol
UG3K
B05
UG3K
B10
UG3K
B20
UG3K
B40
UG3K
B60
UG3K
B80
UG3K
B100 Units
Typical Thermal Resistance (per leg)
RθJA
RθJL
55
15
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Ratings and Characteristics Curves



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com