Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMCP303 Datasheet(PDF) 2 Page - STI Vibration Monitoring Inc.

Part # CMCP303
Description  CMCP303 Series Triaxial Connection Boxes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.

CMCP303 Datasheet(HTML) 2 Page - STI Vibration Monitoring Inc.

  CMCP303 Datasheet HTML 1Page - STI Vibration Monitoring Inc. CMCP303 Datasheet HTML 2Page - STI Vibration Monitoring Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev. 4.2
Issued January 2023
Mechanical Specifications
Size
Dimensions
Weight
2x or 4x M12 5-Pin Connectors:
7.5”H x 7.0”W x 4.0”D (19.1 x 17.8 x 10.2 cm)
3.0 Lbs. (1.4 kg)
6x M12 5-Pin Connectors:
9.5”H x 7.0”W x 4.0”D (24.1 x 17.8 x 8.9 cm)
3.8 Lbs. (1.7 kg)
Ordering Guide
CMCP303XX
-XX
-XX
Description
SS
NEMA 4X, IP66 Stainless Steel Enclosure
PS
NEMA 4, IP66 Painted Steel Enclosure
FG
NEMA 4X IP66 Fiberglass Enclosure
-02
For Two Triaxial Accelerometer
-04
For Four Triaxial Accelerometer
-06
For Six Triaxial Accelerometer
-00
No Cable Entries
-CG
Cord Grips Installed
Example Part Number
CMCP303FG-04-CG
Triaxial Connection Box, Fiberglass, for 4 Triaxial Accelerometers, Cord Grips Installed in Bottom
Images
CMCP303FG-02-00
CMCP303FG-02-00
Fiberglass NEMA 4X, IP66
Inside
CMCP303FG-06-00
-
CG Cable Entry Option
Fiberglass NEMA 4X, IP66
Breakthrough Liquid Tight Cord Grip (IP68)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com