Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPBAP84 Datasheet(PDF) 2 Page - Marathon Special Products

Part # EPBAP84
Description  760 Amps 600 Volts AC/DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

EPBAP84 Datasheet(HTML) 2 Page - Marathon Special Products

  EPBAP84 Datasheet HTML 1Page - Marathon Special Products EPBAP84 Datasheet HTML 2Page - Marathon Special Products EPBAP84 Datasheet HTML 3Page - Marathon Special Products EPBAP84 Datasheet HTML 4Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.marathonsp.com
2
PDS 0485 REV-E 11/06/19
Termination Specifications
Line Side
Wire Size
(CU Stranded)
Torque
Wires /
Terminal
Wire Class (UL) 1
500 kcmil - #4 AWG
42.3 N·m
(375 lbf·in)
1
B, C
350 kcmil - #4 AWG
42.3 N·m
(375 lbf·in)
1
B, C, G, H, I (DLO2 )
•
Aluminum stranded wire range: 500 kcmil - 4 AWG
•
Wire strip length: 1 3/8 in. (35mm)
•
IP-20 protection:
•
Wire present and break-away tab installed - wire range: 3/0 - #4 AWG
•
Wire present and break-away tab removed - wire range: 500 kcmil - 4/0
•
No wire is present - remove tab and use plug (Catalog No. EPB-Plug-500)
•
Terminal screw drive: 8 mm hex
•
Solid copper wire range: #10 - 14 AWG and 6 - 2.5 mm2 Class 1
•
Aluminum wire range: 2/0 - #6 AWG, 1 wire/terminal
•
Wire strip length:
•
top row: 3/4 in. (19 mm)
•
bottom row: 1 3/4 in. (44 mm)
•
IP-20 protection: 2/0 - 10 AWG
•
Terminal screw drive: 5 mm hex
Load Side
Wire Size (CU
Stranded)
Torque
Wires/Terminal
Wire Class (UL) 1
2/0 - #4
13.6 N·m
(120 lbf·in)
1
B, C
50 - 16 mm2
#1 - #4
1
G, H, I (DLO)
#6
1-2
B, C, G, H, I (DLO)
1
B, C
16mm2
#8
4.5 N·m
(40 lbf·in)
1 - 2
B, C, G, H, I (DLO)
10mm2
#10 - #14
4 N·m
(35 lbf·in)
B, C
6 - 2.5 mm2
B, C, I (DLO)
1
For information on copper stranded wire classes please reference: http://www.marathonsp.com/CatalogPDFs/Flexible-
Stranded-Wire.pdf
2
DLO 313 - 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com