Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FHE Datasheet(PDF) 2 Page - RFE international

Part # FHE
Description  Radial Leaded PTC Resettable Fuse:
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FHE Datasheet(HTML) 2 Page - RFE international

  FHE Datasheet HTML 1Page - RFE international FHE Datasheet HTML 2Page - RFE international FHE Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NO.
PQ43-101E
Product Specification and Approval Sheet Version 1 Page 2/3
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/04/08
4. Production Dimensions (millimeter)
Part
Number
Figure
A
B
C
D
E
Maximum
Maximum
Typical
Minimum
Maximum
FHE050-32F
1
7.4
12.7
5.1
7.6
3.3
FHE070-32F
2
6.9
10.8
5.1
7.6
3.0
FHE100-32F
1
9.7
13.6
5.1
7.6
3.0
FHE200-32F
3
9.5
13.5
5.1
7.6
3.0
FHE300-32F
3
10.2
15.5
5.1
7.6
3.8
FHE500-32F
3
14.0
24.1
5.1
7.6
3.8
FHE750-32F
3
21.1
24.9
10.2
7.6
3.8
FHE1000-32F
4
23.5
27.9
10.2
7.6
4.0
5. Thermal Derating Curve
0%
50%
100%
150%
200%
-40
-20
0
20
40
60
80
100
120
Device's ambient temperature (℃)
FHE Series
Fig. 1
Lead Size: 24AWG
φ0.51 mm Diameter
Fig. 2
Lead Size: 24AWG
φ0.51 mm Diameter
Fig. 3
Lead Size: 20AWG
φ0.81 mm Diameter
Fig. 4
Lead Size: 18AWG
φ1.00 mm Diameter



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com