Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB4045C Datasheet(PDF) 5 Page - SMC Diode Solutions Co. LTD

Part # STB4045C
Description  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

STB4045C Datasheet(HTML) 5 Page - SMC Diode Solutions Co. LTD

  STB4045C Datasheet HTML 1Page - SMC Diode Solutions Co. LTD STB4045C Datasheet HTML 2Page - SMC Diode Solutions Co. LTD STB4045C Datasheet HTML 3Page - SMC Diode Solutions Co. LTD STB4045C Datasheet HTML 4Page - SMC Diode Solutions Co. LTD STB4045C Datasheet HTML 5Page - SMC Diode Solutions Co. LTD STB4045C Datasheet HTML 6Page - SMC Diode Solutions Co. LTD STB4045C Datasheet HTML 7Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Technical Data
Data Sheet N1447, Rev. D
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
ST4045C
STB4045C
STF4045C
Mechanical Dimensions TO-220AB
Symbol
Dimensions in
millimeters
Min
Typical
Max
A
3.56
-
4.83
A1
0.51
-
1.4
A2
2.03
-
2.92
b
0.38
-
1.02
b1
1.14
-
1.78
c
0.31
-
0.61
D
14.22
-
16.51
D1
8.38
-
9.42
E
9.65
-
10.67
e
-
2.54
-
e1
-
5.08
-
H1
5.84
-
6.86
L
12.7
-
14.73
L1
-
-
6.35
ΦP
-
3.56
-
Q
2.54
-
3.43
Mechanical Dimensions D2PAK
Symbol
Dimensions in millimeters
Min.
Max.
A
4.06
4.83
A1
0
0.26
b
0.51
0.99
b1
1.14
1.78
c
0.31
0.74
c1
1.14
1.65
D
8.38
9.65
D1
6.4
E1
6.22
E2
9.65
10.67
e
2.54BSC
H
14.6
15.88
L
1.78
2.8
L1
-
1.68
L2
-
2.2
L3
0.255BSC
Θ
0
8°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com