Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST5045AX-C Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # ST5045AX-C
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

ST5045AX-C Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  ST5045AX-C Datasheet HTML 1Page - SMC Diode Solutions Co. LTD ST5045AX-C Datasheet HTML 2Page - SMC Diode Solutions Co. LTD ST5045AX-C Datasheet HTML 3Page - SMC Diode Solutions Co. LTD ST5045AX-C Datasheet HTML 4Page - SMC Diode Solutions Co. LTD ST5045AX-C Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Data Sheet N2634, Rev.-
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
ST5045AX-D
ST5045AX-C
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature
TJ
In DC Forward Mode, without
reverse bias, t ≤1 hour
-55 to +200
C
Storage Temperature
Tstg
-
-55 to +150
C
Typical Thermal Resistance
RJC
DC operation
1.8
C/W
Approximate Weight
wt
ST5045AX-D
ST5045AX-C
2.7
4.2
g
Case Style
R-8
Thermal-Mechanical Specifications:
Ratings and Characteristics Curves
Fig.2-Typical Reverse Characteristics
Fig.1-Typical Forward Voltage Characteristics
Fig.3-Capacitance vs. Reverse Voltage
1
10
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
125℃
Forward Voltage-VF(V)
25℃
25C
125C
9
18
27
36
45
1E-3
0.01
0.1
1
10
100
125℃
Reverse Voltage-VR(V)
25℃
25C
125C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com