Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE5532AF Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SE5532AF
Description  Internally-compensated dual low noise operational amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SE5532AF Datasheet(HTML) 4 Page - NXP Semiconductors

  SE5532AF Datasheet HTML 1Page - NXP Semiconductors SE5532AF Datasheet HTML 2Page - NXP Semiconductors SE5532AF Datasheet HTML 3Page - NXP Semiconductors SE5532AF Datasheet HTML 4Page - NXP Semiconductors SE5532AF Datasheet HTML 5Page - NXP Semiconductors SE5532AF Datasheet HTML 6Page - NXP Semiconductors SE5532AF Datasheet HTML 7Page - NXP Semiconductors SE5532AF Datasheet HTML 8Page - NXP Semiconductors SE5532AF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
NE/SA/SE5532/5532A
Internally-compensated dual low noise
operational amplifier
1997 Sept 29
4
DC ELECTRICAL CHARACTERISTICS
TA=25°C VS=±15V, unless otherwise specified. 1, 2, 3
SYMBOL
PARAMETER
TEST CONDITIONS
SE/5532/5532A
NE/SA/5532/5532A
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
UNIT
VOS
Offset voltage
0.5
2
0.5
4
mV
Over temperature
3
5
mV
∆VOS/∆T
5
5
µV/°C
IOS
Offset current
100
10
150
nA
Over temperature
200
200
nA
∆IOS/∆T
200
200
pA/
°C
IB
Input current
200
400
200
800
nA
Over temperature
700
1000
nA
∆IB/∆T
5
5
nA/
°C
8
10.5
8
16
mA
ICC
Supply current
Over temperature
13
mA
VCM
Common-mode input range
±12
±13
±12
±13
V
CMRR
Common-mode rejection ratio
80
100
70
100
dB
PSRR
Power supply rejection ratio
10
50
10
100
µV/V
RL≥2kΩ, VO=±10V
50
100
25
100
V/mV
AVOL
Large-signal voltage gain
Over temperature
25
15
V/mV
AVOL
Large-signal voltage gain
RL≥600Ω, VO=±10V
40
50
15
50
V/mV
Over temperature
20
10
V/mV
RL≥600Ω
±12
±13
±12
±13
Over temperature
±10
±12
±10
±12
VOUT
Output swing
RL≥600Ω, VS=±18V
±15
±16
±15
±16
V
VOUT
Out ut swing
Over temperature
±12
±14
±12
±14
V
RL≥2kΩ
±13
±13.5
±13
±13.5
Over temperature
±12
±12.5
±10
±12.5
RIN
Input resistance
30
300
30
300
k
Ω
ISC
Output short circuit current
10
38
60
10
38
60
mA
NOTES:
1. Diodes protect the inputs against overvoltage. Therefore, unless current-limiting resistors are used, large currents will flow if the differential
input voltage exceeds 0.6V. Maximum current should be limited to
±10mA.
2. For operation at elevated temperature, derate packages based on the package thermal resistance.
3. Output may be shorted to ground at VS=±15V, TA=25°C Temperature and/or supply voltages must be limited to ensure dissipation rating is
not exceeded.
AC ELECTRICAL CHARACTERISTICS
TA=25°C VS=±15V, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
NE/SA/SE5532/5532A
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
ROUT
Output resistance
AV=30dB Closed-loop
f=10kHz, RL=600Ω
0.3
Ω
Voltage-follower
Overshoot
VIN=100mVP-P
10
%
CL=100pF, RL=600Ω
AV
Gain
f=10kHz
2.2
V/mV
GBW
Gain bandwidth product
CL=100pF, RL=600Ω
10
MHz
SR
Slew rate
9
V/
µs
VOUT=±10V
140
kHz
Power bandwidth
VOUT=±14V, RL=600Ω,
100
kHz
VCC=±18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com